Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTM8205 Datasheet(PDF) 4 Page - DinTek Semiconductor Co,.Ltd

Part # DTM8205
Description  Dual N-Channel 2.5-V (G-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd

DTM8205 Datasheet(HTML) 4 Page - DinTek Semiconductor Co,.Ltd

  DTM8205 Datasheet HTML 1Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 2Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 3Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 4Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 5Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 6Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 7Page - DinTek Semiconductor Co,.Ltd DTM8205 Datasheet HTML 8Page - DinTek Semiconductor Co,.Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.00
0.01
0.02
0.03
0.04
0.05
0
123
456
ID = 6.5 A
VGS - Gate-to-Source Voltage (V)
0.001
0
1
160
200
80
10
0.1
Time (s)
40
120
0.01
Threshold Voltage
Safe Operating Area, Junction-to-Case
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
Limited by RDS(on)*
TC = 25 °C
Single Pulse
10 ms
100 ms
DC
10 s
1 s
VDS - Drain-to-Source Voltage (V)
*VGS > minimum VGS at which RDS(on) is specified
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
10-4
10-3
10-2
10-1
1
100
600
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 115 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Square Wave Pulse Duration (s)
10
DT
www.
daysemi.jp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com