Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7722
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7722 Datasheet HTML 9Page - Analog Devices AD7722 Datasheet HTML 10Page - Analog Devices AD7722 Datasheet HTML 11Page - Analog Devices AD7722 Datasheet HTML 12Page - Analog Devices AD7722 Datasheet HTML 13Page - Analog Devices AD7722 Datasheet HTML 14Page - Analog Devices AD7722 Datasheet HTML 15Page - Analog Devices AD7722 Datasheet HTML 16Page - Analog Devices AD7722 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7722
–13–
REV. 0
CIRCUIT DESCRIPTION
The AD7722 ADC employs a sigma-delta conversion technique
that converts the analog input into a digital pulse train. The
analog input is continuously sampled by a switched capacitor
modulator at twice the rate of the clock input frequency, 2
×
fCLKIN. The digital data that represents the analog input is in
the 1’s density of the bit stream at the output of the sigma-delta
modulator. The modulator outputs a bit stream at a data rate
equal to fCLKIN.
Due to the high oversampling rate, which spreads the quantiza-
tion noise from 0 to fCLKIN/2, the noise energy contained in the
band of interest is reduced (Figure 24a). To reduce the quanti-
zation noise further, a high order modulator is employed to
shape the noise spectrum so that most of the noise energy is
shifted out of the band of interest (Figure 24b).
The digital filter that follows the modulator provides three main
functions. The filter performs sophisticated averaging on the
1 bit samples from the output of the modulator, while removing
the large out of band quantization noise (Figure 24c). Lastly the
digital filter reduces the data rate from fCLKIN at the input of the
filter to fCLKIN/64 at the output of the filter. The AD7722
output data rate, FS, is a little over twice the signal bandwidth,
which guarantees that there is no loss of data in the signal band.
Digital filtering has certain advantages over analog filtering.
First, since digital filtering occurs after the A/D conversion, it
can remove noise injected during the conversion process.
Analog filtering cannot remove noise injected during conver-
sion. Second, the digital filter combines low pass-band ripple
with a steep roll off, while also maintaining a linear phase
response.
BAND OF INTEREST
fCLKIN/2
DIGITAL FILTER CUTOFF FREQUENCY
WHICH EQUALS 97.65kHz (12.5MHz)
BAND OF INTEREST
QUANTIZATION NOISE
fCLKIN/2
BAND OF INTEREST
fCLKIN/2
NOISE SHAPING
a.
b.
c.
Figure 24. Sigma-Delta ADC
The AD7722 employs two Finite Impulse Response (FIR) filters
in series. The first filter is a 384 tap filter that samples the output
of the modulator at fCLKIN. The second filter is a 151 tap half-
band filter that samples the output of the first filter at fCLKIN/32
and decimates by 2. The implementation of this filter architec-
ture results in a filter with a group delay of 42 conversions (84
conversions for settling to a full-scale step).
The digital filter provides 6 dB of attenuation at a frequency
(fCLKIN/128) one-half its output rate. With a clock frequency
of 12.5 MHz, the digital filter has a pass-band frequency of
90.625 kHz, a cutoff frequency is 96.92 kHz and stop-band
frequency of 104.6875 kHz.
Due to the sampling nature of the digital filter, the filter does
not provide any rejection at integer multiples of its input
sampling frequency. The filter response in Figure 25a shows the
unattenuated frequency bands occurring at n
× f
CLKIN where
n = 1, 2, 3. . . . At these frequencies, there are frequency bands
± f
3 dB wide (f3 dB is the –3 dB bandwidth of the digital filter) on
either side of n
× f
CLKIN where noise passes unattenuated to the
output. Out of band signals coincident with any of the filter
images are aliased into the pass band. However, due to the
AD7722’s high oversampling ratio, these bands occupy only a
small fraction of the spectrum, and most broadband noise is
filtered. This means that the antialias filtering requirements in
front of the AD7722 are considerably reduced versus a conven-
tional converter with no on-chip filtering. Figure 25b shows the
frequency response of an antialias filter. With a –3 dB corner
frequency set at fCLKIN/64, a single pole filter will provide 36 dB
of attenuation at fCLKIN.
Depending on the application, however, it may be necessary to
provide additional antialias filtering prior to the AD7722 to
eliminate unwanted signals from the frequency bands the digital
filter passes. It may also be necessary in some applications to
provide analog filtering in front of the AD7722 to ensure that
differential noise signals outside the band of interest do not
saturate the analog modulator.
1fCLKIN
0dB
2fCLKIN
3fCLKIN
Figure 25a. Digital Filter Frequency Response
OUTPUT
DATA RATE
fCLKIN/64
0dB
fCLKIN
ANTIALIAS FILTER
RESPONSE
REQUIRED
ATTENUATION
Figure 25b. Frequency Response of Antialias Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com