Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7714YN Datasheet(PDF) 34 Page - Analog Devices

Part # AD7714YN
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YN Datasheet(HTML) 34 Page - Analog Devices

Back Button AD7714YN Datasheet HTML 30Page - Analog Devices AD7714YN Datasheet HTML 31Page - Analog Devices AD7714YN Datasheet HTML 32Page - Analog Devices AD7714YN Datasheet HTML 33Page - Analog Devices AD7714YN Datasheet HTML 34Page - Analog Devices AD7714YN Datasheet HTML 35Page - Analog Devices AD7714YN Datasheet HTML 36Page - Analog Devices AD7714YN Datasheet HTML 37Page - Analog Devices AD7714YN Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
AD7714
REV. C
–34–
arranged in a bridge network and gives a differential output
voltage between its OUT(+) and OUT(–) terminals. With rated
full-scale pressure (in this case 300 mmHg) on the transducer,
the differential output voltage is 3 mV/Volt of the input voltage
(i.e., the voltage between its IN(+) and IN(–) terminals).
Assuming a 5 V excitation voltage, the full-scale output range
from the transducer is 15 mV. The excitation voltage for the
bridge is also used to generate the reference voltage for the
AD7714. Therefore, variations in the excitation voltage do not
introduce errors in the system. Choosing resistor values of
24 k
Ω and 15 kΩ as per the diagram give a 1.92 V reference
voltage for the AD7714 when the excitation voltage is 5 V.
Using the part with a programmed gain of 128 results in the full
scale input span of the AD7714 being 15 mV which corresponds
with the output span from the transducer.
APPLICATIONS
The on-chip PGA allows the AD7714 to handle an analog input
voltage range as low as 10 mV full-scale with VREF = +1.25 V.
The differential inputs of the part allow this analog input range
to have an absolute value anywhere between AGND and AVDD
when the part is operated in unbuffered mode. It allows the user
to connect the transducer directly to the input of the AD7714.
The programmable gain front end on the AD7714 allows the
part to handle unipolar analog input ranges from 0 mV to
+20 mV to 0 V to +2.5 V and bipolar inputs of
±20 mV to
±2.5 V. Because the part operates from a single supply these
bipolar ranges are with respect to a biased-up differential input.
Pressure Measurement
One typical application of the AD7714 is pressure measure-
ment. Figure 12 shows the AD7714 used with a pressure trans-
ducer, the BP01 from Sensym. The pressure transducer is
CLOCK
GENERATION
OUT+
IN+
OUT–
IN–
AUTO-ZEROED
MODULATOR
CHARGE BALANCING A/D
CONVERTER
DIGITAL
FILTER
AVDD
1 A
BUFFER
AVDD
SERIAL INTERFACE
REGISTER BANK
STANDBY
SYNC
MCLK IN
MCLK OUT
1 A
REF IN (+)
REF IN (–)
AGND
DGND
BUFFER
DOUT
DIN
CS
SCLK
POL
DRDY
RESET
24k
15k
DVDD
AD7714
AGND
+5V
EXCITATION VOLTAGE = +5V
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
A = 1–128
PGA
Figure 12. Pressure Measurement Using the AD7714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com