Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7722AS Datasheet(PDF) 10 Page - Analog Devices

Part # AD7722AS
Description  16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7722AS Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7722AS Datasheet HTML 6Page - Analog Devices AD7722AS Datasheet HTML 7Page - Analog Devices AD7722AS Datasheet HTML 8Page - Analog Devices AD7722AS Datasheet HTML 9Page - Analog Devices AD7722AS Datasheet HTML 10Page - Analog Devices AD7722AS Datasheet HTML 11Page - Analog Devices AD7722AS Datasheet HTML 12Page - Analog Devices AD7722AS Datasheet HTML 13Page - Analog Devices AD7722AS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7722
–10–
REV. 0
TERMINOLOGY
Signal-to-Noise Plus Distortion Ratio (S/(N+D))
S/(N+D) is the measured signal-to-noise plus distortion ratio at
the output of the ADC. The signal is the rms magnitude of the
fundamental. Noise plus distortion is the rms sum of all of the
nonfundamental signals and harmonics to half the sampling
rate (FCLKIN/128), excluding dc. The ADC is evaluated by
applying a low noise, low distortion sine wave signal to the
input pins. By generating a Fast Fourier Transform (FFT)
plot, the S/(N+D) data can then be obtained from the output
spectrum.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the harmonics to the rms
value of the fundamental. THD is defined as:
THD
= 20 log
SQRT V 2
2 +V
3
2 +V
4
2 +V
5
2 +V
6
2
()
V1


where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5 and V6 are the rms amplitudes of the second through
sixth harmonics. The THD is also derived from the FFT plot
of the ADC output spectrum.
Spurious Free Dynamic Range (SFDR)
Defined as the difference, in dB, between the peak spurious or
harmonic component in the ADC output spectrum (up to
FCLKIN/128 and excluding dc) and the rms value of the funda-
mental. Normally, the value of this specification will be deter-
mined by the largest harmonic in the output spectrum of the
FFT. For input signals whose second harmonics occur in the
stop band region of the digital filter, a spur in the noise floor
limits the SFDR.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products at sum and difference frequencies of mfa
± nfb where
m, n = 0, 1, 2, 3, etc. Intermodulation distortion terms are
those for which neither m nor n are equal to zero. For example,
the second order terms include (fa + fb) and (fa – fb), while the
third order terms include (2fa + fb), (2fa – fb), (fa + 2fb) and
(fa – 2fb).
Testing is performed using the CCIF standard where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second order terms are usually distanced in
frequency from the original sine waves, while the third order
terms are usually at a frequency close to the input frequencies.
As a result, the second and third order terms are specified
separately. The calculation of the intermodulation distortion is
as per the THD specification where it is the ratio of the rms
sum of the individual distortion products to the rms amplitude
of the sum of the fundamental expressed in dB.
Pass-Band Ripple
The frequency response variation of the AD7722 in the defined
pass-band frequency range.
Pass-Band Frequency
The frequency up to which the frequency response variation is
within the pass-band ripple specification.
Cutoff Frequency
The frequency below which the AD7722’s frequency response
will not have more than 3 dB of attenuation.
Stop-Band Frequency
The frequency above which the AD7722’s frequency response
will be within its stop-band attenuation.
Stop-Band Attenuation
The AD7722’s frequency response will not have less than 90 dB
of attenuation in the stated frequency band.
Integral Nonlinearity
This is the maximum deviation of any code from a straight line
passing through the endpoints of the transfer function. The
endpoints of the transfer function are minus full scale, a point
0.5 LSB below the first code transition (100 . . . 00 to 100 . . .
01 in bipolar mode, 000 . . . 00 to 000 . . . 01 in unipolar mode)
and plus full scale, a point 0.5 LSB above the last code transi-
tion (011 . . . 10 to 011 . . . 11 in bipolar mode, 111 . . . 10 to
111 . . . 11 in unipolar mode). The error is expressed in LSBs.
Differential Nonlinearity
This is the difference between the measured and the ideal
1 LSB change between two adjacent codes in the ADC.
Common-Mode Rejection Ratio
The ability of a device to reject the effect of a voltage applied to
both input terminals simultaneously—often through variation of
a ground level—is specified as a common-mode rejection ratio.
CMRR is the ratio of gain for the differential signal to the gain
for the common-mode signal.
Unipolar Offset Error
Unipolar offset error is the deviation of the first code transition
(00 . . . 000 to 00 . . . 001) from the ideal differential voltage
(VIN(+) – VIN(–)+ 0.5 LSB) when operating in the unipolar
mode.
Bipolar Offset Error
This is the deviation of the midscale transition code (111 . . . 11
to 000 . . . 00) from the ideal differential voltage (VIN(+) –
VIN(–) – 0.5 LSB) when operating in the bipolar mode.
Gain Error
The first code transition should occur at an analog value
1/2 LSB above –full scale. The last transition should occur for
an analog value 1 1/2 LSB below the nominal full scale. Gain
error is the deviation of the actual difference between first and
last code transitions and the ideal difference between first and
last code transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com