Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7714YR Datasheet(PDF) 38 Page - Analog Devices

Part # AD7714YR
Description  3 V/5 V, CMOS, 500 uA Signal Conditioning ADC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7714YR Datasheet(HTML) 38 Page - Analog Devices

Back Button AD7714YR Datasheet HTML 32Page - Analog Devices AD7714YR Datasheet HTML 33Page - Analog Devices AD7714YR Datasheet HTML 34Page - Analog Devices AD7714YR Datasheet HTML 35Page - Analog Devices AD7714YR Datasheet HTML 36Page - Analog Devices AD7714YR Datasheet HTML 37Page - Analog Devices AD7714YR Datasheet HTML 38Page - Analog Devices AD7714YR Datasheet HTML 39Page - Analog Devices AD7714YR Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
AD7714
REV. C
–38–
Smart Transmitters
Another area where the low power, single supply, three-wire
interface capabilities is of benefit is in smart transmitters. Here,
the entire smart transmitter must operate from the 4 mA to
20 mA loop. Tolerances in the loop mean that the amount of
current available to power the transmitter is as low as 3.5 mA.
The AD7714 consumes only 500
µA, leaving 3 mA available for
the rest of the transmitter. Figure 16 shows a block diagram of a
smart transmitter which includes the AD7714. Not shown in
Figure 16 is the isolated power source required to power the
front end.
INPUT/OUTPUT
STAGE
SIGNAL
CONDITIONER
VOLTAGE
REFERENCE
MCLK
OUT
AD7714
ISOLATED SUPPLY
ISOLATION
BARRIER
SENSORS
RTD
mV
ohm
TC
LOOP
RTN
MCLK
IN
COM
3V
4–20mA
DVDD
AMBIENT
TEMP.
SENSOR
AVDD
REF IN
AGND
DGND
ISOLATED GROUND
COM
VCC
3V
VOLTAGE
REGULATOR
MAIN TRANSMITTER ASSEMBLY
BANDPASS
FILTER
D/A
CONVERTER
WAVEFORM
SHAPER
HART
MODEM
BELL 202
MICROCONTROLLER UNIT
*PID
*RANGE SETTING
*CALIBRATION
*LINEARIZATION
*OUTPUT CONTROL
*SERIAL COMMUNICATION
*HART PROTOCOL
VOLTAGE
REFERENCE
Figure 16. Smart Transmitter Using the AD7714



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com