Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-25-FCC-R Datasheet(PDF) 37 Page - Radiometrix Ltd

Part # Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-25-FCC-R Datasheet(HTML) 37 Page - Radiometrix Ltd

Back Button Wi.232FHSS-25-FCC-R Datasheet HTML 33Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 34Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 35Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 36Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 37Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 38Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 39Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 40Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 41Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
36
Revision 1.1.0
Troubleshooting Hint: Baud Rate Problems. If you lose track of the baud rate setting of the module, it will
be impossible to program the module. You can either try every possible baud rate to discover the setting,
or force a power-on reset with CMD held low to set the baud rate to its default: 2.4kbit/second.
4.1.5. Network Mode (regNETWORKMODE)
regNVNETMODE (0x04)
regNETMODE (0x4F)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
N/A
N/A
N/A
RA0
EP0
NM2
NM1
NM0
7
6
5
4
3
2
1
0
Default Network Mode: MAC Mode
The module supports three distinct networking modes, MAC, USER, and Extended USER, configured
through bits NM0 – NM2. For each of these modes, assured delivery (acknowledgement) can be either
enabled or disabled. For more information, see Addressing Modes section of this manual. Valid settings
are listed in the table below.
Wi.232FHSS-250-R version 1.1.0 and greater firmware support an additional flag, EP0 (force extended
preamble). This flag forces the module to send an extended preamble on every RF transmission. An
extended preamble is of a length that allows modules that have just awakened or have not yet
synchronized to find and temporarily synchronize with the transmitting module. This can be useful in
systems that require the endpoints to spend most of their time sleeping. Endpoints can awaken, receive
an application-defined message from the master transmitter, and go back to sleep. This message could
contain scheduling information as to when to wake again for a full bi-directional communications session.
It is important to note that extended preamble RF packets are not necessarily RF synchronizing packets.
Upon completing the reception of an extended preamble RF packet that is not a synchronizer, the receiving
module will lose its temporary synchronization and begin looking for another extended
preamble/synchronizer on another channel.
Network Mode
Meaning
0x04
MAC Address Mode
0x05
Reserved
0x06
User Address Mode
0x07
User Extended Address Mode
0x14
MAC Address Mode with Acknowledgement
0x15
Reserved
0x16
MAC Address Mode with Acknowledgement
0x17
User Extended Address Mode with Acknowledgement
Table 13, Network Mode Register Settings
All other network modes are reserved and may cause undesired operation.
Troubleshooting Hint: If you are unable to communicate with another module, it is most likely one of
following problems. First, check to make sure that you are using the same data rate. Modules
programmed to different data rates will not communicate nor share the RF channel with one another.
Second, ensure that your network mode and addressing is configured to properly access the module of
interest. Also, ensure that you are addressing a specific module when using acknowledgment. Failure to
do so will cause large delays and loss of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com