Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-25-FCC-R Datasheet(PDF) 47 Page - Radiometrix Ltd

Part # Wi.232FHSS-25-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-25-FCC-R Datasheet(HTML) 47 Page - Radiometrix Ltd

Back Button Wi.232FHSS-25-FCC-R Datasheet HTML 43Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 44Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 45Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 46Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 47Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 48Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 49Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 50Page - Radiometrix Ltd Wi.232FHSS-25-FCC-R Datasheet HTML 51Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
46
Revision 1.1.0
4.1.28. Destination GUID[1] (regDESTGUID[1])
regNVDESTGUID[1] (0x1F)
regDESTGUID[1] (0x6A)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Destination GUID[1]: 0xFF
When MAC addressing is invoked, this register holds byte 1 of the 32-bit destination GUID. This register is
used in conjunction with Destination GUID[3-2] and Destination GUID[1] registers to make up the module’s
32-bit destination GUID. For more information on the operation of addressing modes, please refer to the
Addressing Modes section of this document.
4.1.29. Destination GUID[0] (regDESTGUID[0])
regNVDESTGUID[0] (0x20)
regDESTGUID[0] (0x6B)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Destination GUID[0]: 0xFF
When MAC addressing is invoked, this register holds the least significant byte of the 32-bit destination
GUID. This register is used in conjunction with Destination GUID[3-1] registers to make up the module’s
32-bit destination GUID. For more information on the operation of addressing modes, please refer to the
Addressing Modes section of this document.
4.1.30. Exception Mask (regEXCEPTIONMASK)
regNVEXCEPTIONMASK (0x21)
regEXCEPTIONMASK (0x6C)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
7
6
5
4
3
2
1
0
Default Exception Mask: 0xFF
The module has a built-in exception engine that can notify the host processor of an unexpected event.
When an exception occurs, this register is ANDed with the exception code. A non-zero result causes an
assertion of the EX pin. Reading the regEXCEPTION register will clear the exception and return the EX
pin to low. If the result is zero, the EX pin is not asserted, but the exception code is stored in the
regEXCEPTION register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com