Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Wi.232FHSS-250-FCC-R Datasheet(PDF) 18 Page - Radiometrix Ltd

Part # Wi.232FHSS-250-FCC-R
Description  Document Created from Rev G Specification
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

Wi.232FHSS-250-FCC-R Datasheet(HTML) 18 Page - Radiometrix Ltd

Back Button Wi.232FHSS-250-FCC-R Datasheet HTML 14Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 15Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 16Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 17Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 18Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 19Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 20Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 21Page - Radiometrix Ltd Wi.232FHSS-250-FCC-R Datasheet HTML 22Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
WI.232FHSS-25-R/ WI.232FHSS-250-R DATASHEET
17
Revision 1.1.0
network, impeding valid communications. Assured delivery is enabled by setting bit 4 of
regNETWORKMODE.
Should the address information match exactly, the receiving module will immediately send an RF ACK
packet. This packet lets the sending module know that the message has been received. An RF ACK packet
is made up of 7 bytes of overhead, and is sent immediately following reception; CSMA delay is not applied to
RF ACK packets. When the sending module receives the RF ACK packet, it will mark the current block of
data as completed and update its buffer pointers. If this is the last message in the queue, the sending
module will assert the BE pin to indicate the state of the incoming buffer.
Troubleshooting Hint: Communications Problems. If you are unable to communicate with another module,
it is most likely caused by one of the following. First, check to make sure that you are using the same data
rate. Modules programmed with different data rates will not communicate nor share the RF channel with one
another. Second, ensure that your network mode and addressing is configured to properly access the
module of interest. Also, ensure that you are addressing a specific module when using acknowledgment.
Failure to do so will cause large delays and loss of data.
2.5. Exception Engine
Wi.232FHSS modules are equipped with an internal exception engine. When errors occur during module
operation, an exception is raised. Exception codes are stored in the regEXCEPTION register when they
occur, and cleared once they are read. If an exception code is already present in regEXCEPTION
following an error, the new exception code will overwrite the old value.
2.5.1. Exception Codes
Exception codes are organized by type for ease of masking (see Exception Masking). The following table
lists the exception codes and their meanings. All other values are reserved.
Exception Code
Exception Name
Description
0x08
EX_BUFOVFL
Internal UART buffers overflowed
0x09
EX_RFOVFL
Internal RF packet buffer overflowed
0x13
EX_WRITEREGFAILED
Attempted write to register failed
0x20
EX_NORFACK
Acknowledgement packet not received after maximum
number of retries
0x40
EX_BADCRC
Bad CRC detected on incoming packet
0x42
EX_BADHEADER
Bad CRC detected in packet header
0x43
EX_BADSEQID
Sequence ID was incorrect in ACK packet
0x44
EX_BADFRAMETYPE
Unsupported frame type specified
Table 5, Exception Codes
2.5.2. Exception Masking
Wi.232FHSS modules have an external pin, EX, that can be asserted to indicate to the host that an error has
occurred. The exception mask provides a simple method of discriminating which errors cause the EX pin to
toggle. If the exception code, once ANDed with the exception mask (regEXCEPTIONMASK), is non-zero,
the EX pin is asserted. Once the EX pin is asserted, the regEXCEPTION register must be read to return it to
low. The following table lists some example exception masks.
It is important to note that the exception mask has no effect on the exceptions stored in the exception
register. The exception mask only controls which exceptions affect the EX pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com