Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPR2010 Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # CPR2010
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CPR2010 Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  CPR2010 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION CPR2010 Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Standard Electrical Specifications
Resistance Range
Item
Type
Power Rating
at 70°C
Operating
Temp. Range
Max. Operating
Voltage
±0.5%
±1%
±5%
TCR
(PPM/°C)
10
Ω - 299Ω
1
Ω - 299Ω
±200
CPR0603
1/10W
-55 ~ +155
°C
50V
300
Ω - 1MΩ
±100
10
Ω - 299Ω
1
Ω - 299Ω
±200
CPR0805
1/8W
-55 ~ +155
°C
150V
300
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR1206
1/3W
-55 ~ +155
°C
200V
20.1
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR1210
1/2W
-55 ~ +155
°C
200V
20.1
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR2010
3/4W
-55 ~ +155
°C
400V
20.1
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR2512
1.5W
-55 ~ +155
°C
500V
20.1
Ω - 20MΩ
±100
High Power Rating Electrical Specifications
Resistance Range
Item
Type
Power Rating
at 70°C
Operating
Temp. Range
Max. Operating
Voltage
±0.5%
±1%
±5%
TCR
(PPM/°C)
1/8W
10
Ω - 299Ω
1
Ω - 299Ω
±200
CPR0603
1/5W
-55 ~ +155
°C
50V
300
Ω - 1MΩ
±100
10
Ω - 299Ω
1
Ω - 299Ω
±200
CPR0805
1/4W
-55 ~ +155
°C
150V
300
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR1206
1/2W
-55 ~ +155
°C
200V
20.1
Ω - 20MΩ
±100
10
Ω - 20Ω
1
Ω - 20Ω
±200
CPR2010
1W
-55 ~ +155
°C
400V
20.1
Ω - 20MΩ
±100
Operating Voltage=
√(P*R) or Max. operating voltage listed above, whichever is lower.
Overload Voltage=2.5*
√(P*R) or Max. overload voltage listed above, whichever is lower.
CPR Series
Pulse Withstanding
Thick Film Chip Resistor
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com