Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR0201JVR010F Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # CSR0201JVR010F
Description  Current Sensing Chip Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CSR0201JVR010F Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  CSR0201JVR010F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION CSR0201JVR010F Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
 
 
 
Rev. 7
 
Current Sensing Chip Resistor
MERITEK
CSR Series
 
Emboss Plastic Tape Specifications
 
 
 
 
 
 
 
 
 
 
 
Marking for 0603 
Type
Code
1R0
1.000Ω
R10
0.100Ω
R01
0.010Ω
101
0.101Ω
035
0.035Ω
 
Recommend Land Pattern
Pad Layout (Except For CSR2512: High Power Rating Series)
Unit:mm
 
 
 
 
 
 
 
 
 
 
 
Pad Layout (For CSR2512: High Power Rating Series)
Unit:mm
 
 
 
 
 
Type
A
B
W
E
F
P0
P1
P2
ψD0
T
CSR2010
2.80±0.10
5.50±0.10
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
CSR2512
3.50±0.10
6.70±0.10
12.0±0.30
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
CSR2512
(2W)
3.38±0.10
6.68±0.10
12.0±0.30
1.75±0.10
5.5±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.55+0.05
1.45±0.20
CSR1225
3.38±0.10
6.68±0.10
12.0±0.30
1.75±0.10
5.5±0.10
4.00±0.10
4.00±0.10
2.00±0.05
1.55+0.05
1.45±0.20
CSR3720
2.50±0.20
4.45±0.20
12.0±0.30
1.75±0.10
5.5±0.05
4.00 ±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.20 ±0.20
CSR7520
2.50±0.20
8.30±0.20
16.0±0.30
1.75±0.10
7.8±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.20 ±0.20
Type
A
B
C
CSR0201
0.25
0.30
0.40±0.2
CSR0402
0.50
0.50
0.60±0.2
CSR0603
0.80
1.00
0.90±0.2
CSR0805
1.00
1.00
1.35±0.2
CSR1206
2.00
1.15
1.70±0.2
CSR1210
2.00
1.15
2.50±0.2
CSR2010
3.60
1.40
2.50±0.2
CSR2512
4.90
1.60
3.10±0.2
CSR1225
2.00
2.00
6.40±0.2
CSR3720
1.00
1.80
3.90±0.2
CSR7520
1.00
1.80
7.60±0.2
Type
Resistance
A
B
C
CSR2512
10~99 mΩ
4.9
1.6
3.1±0.2
CSR2512
100~1000mΩ
1.0
3.55
3.1±0.2
W
E
F
ψ D 0
P1
P2
P0
direction of unreeling
A
B
Top Tape
Resistor
Emboss Tape
T
ψ D1 1.4Min.
B 
A 
C 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com