Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7769 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7769
Description  LC2MOS Analog I/O Port
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7769 Datasheet HTML 3Page - Analog Devices AD7769 Datasheet HTML 4Page - Analog Devices AD7769 Datasheet HTML 5Page - Analog Devices AD7769 Datasheet HTML 6Page - Analog Devices AD7769 Datasheet HTML 7Page - Analog Devices AD7769 Datasheet HTML 8Page - Analog Devices AD7769 Datasheet HTML 9Page - Analog Devices AD7769 Datasheet HTML 10Page - Analog Devices AD7769 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7769
–7–
REV. A
Plus and Minus Full-Scale Error
The ADC and DACs in the AD7769 can be considered as de-
vices with bipolar (plus and minus) input ranges, but referred to
VBIAS instead of AGND. Plus Full-Scale Error for the ADC is the
difference between the actual input voltage at the FE to FF code
transition and the ideal input voltage (VBIAS + VSWING –1.5 LSB),
expressed in LSBs. Minus Full-Scale Error is similarly specified
for the 01 to 00 code transition, relative to the ideal input voltage
for this transition (VBIAS – VSWING +0.5 LSB). Plus Full-Scale
Error for the DACs is the difference, expressed in LSBs, between
the actual output voltage for input code FF and the ideal voltage
(VBIAS + VSWING – 1 LSB). Minus Full-Scale Error is similarly
specified for code 00, relative to the ideal output voltage (VBIAS –
VSWING). Note that Plus and Minus Full-Scale errors for the
ADC and the DAC outputs are measured after their respective
Bias Offset errors have been adjusted out.
Digital-to-Analog Glitch Impulse
Digital-to-Analog Glitch Impulse is the impulse injected into the
analog outputs when the digital inputs change state with either
DAC selected. It is normally specified as the area of the glitch in
nV secs and is measured when the digital input code is changed
by 1 LSB at the major carry transition.
Digital Feedthrough
Digital Feedthrough is also a measure of the impulse injected
into the analog outputs from the digital inputs but is measured
when the DACs are not selected. This is essentially feedthrough
across the die and package. It is important in the AD7769 since
it is a measure of the glitch impulse transferred to the analog
outputs when data is read from the ADC register. It is specified
in nV secs and measured with
WR high and a digital code
change from all 0s to all 1s.
Signal-to-Noise Ratio (SNR)
SNR is the measured Signal-to-Noise Ratio at the output of the
converter. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency. SNR is dependent on the number
of quantization levels used in the digitization process; the more
levels, the smaller the quantization noise. The theoretical SNR
for a sine wave is given by
SNR = (6.02N + 1.76) dB
where N is the number of bits. Thus for an ideal 8-bit converter,
SNR = 49.92 dB.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamen-
tal. For the AD7769, Total Harmonic Distortion is defined as
20 log
(V 2
2
+ V
3
2
+ V
4
2
+ V
5
2
+ V
6
2)
1/ 2
V
1
where V1 is the rms amplitude of the fundamental and V2,
V3, V4, V5 and V6 are the rms amplitudes of the individual
harmonics.
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities will create distortion
products, of order (m+n), at sum and difference frequencies of
mfa+nfb, where m, n = 0, 1, 2, 3 . . . Intermodulation terms are
those for which neither m nor n is equal to zero. For example,
the second order terms include (fa+fb) and (fa–fb) and the third
order terms include (2fa+fb), (2fa–fb), (fa+2fb) and (fa–2fb).
LOGIC TRUTH TABLE
ADC CHANNEL SELECT AND START CONVERSION
CS
ADC/DAC
CHA/CHB
WR
RD
DB0–DB7
INT
Comments
0
0
X
Note 1
Note 1
1
INT Is Set on Falling Edge of WR.
0
0
0
Note 1
Note 1
1
Select ADC Channel A and Start Conversion.
0
0
1
Note 1
Note 1
1
Select ADC Channel B and Start Conversion.
0
INT Goes Low at End of Conversion.
READ ADC DATA
CS
ADC/DAC
CHA/CHB
WR
RD
DB0–DB7
INT
Comments
0
X
X
X
ADC Data
1
INT Is Set High on Falling Edge of RD.
0
X
X
X
0
ADC Data
1
ADC Data on Data Bus.
0
X
X
X
High-Z
1
Data Outputs Impedance.
WRITE TO DACA OR DACB
CS
ADC/DAC
CHA/CHB
WR
RD
DB0–DB7
INT
Comments
01
0
1
µP Data
N/C
µP Writing Data to DACA.
01
1
1
µP Data
N/C
µP Writing Data to DACB.
0
1
0
0
ADC Data
N/C
Data from Last ADC Conversion Will Be Written to DACA.
0
1
1
0
ADC Data
N/C
Data from Last ADC Conversion Will Be Written to DACB.
1
X
X
X
X
High-Z
N/C
No Operation.
NOTES
1If RD = 1, DB0–DB7 will remain high impedance. If RD = 0, DB0–DB7 will output previous ADC data. The RD input should not change during a conversion.
2X = Don’t Care.
3N/C = No Change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com