Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPEM Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # EPEM
Description  Minibox Metallized Polyester Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

EPEM Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  EPEM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION EPEM Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.027
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.033
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.039
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.047
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.056
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.068
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.082
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.10
7.6
6.5
2.5
5.0
7.6
6.5
2.5
5.0
0.12
7.6
6.5/8.0
2.5/3.2
5.0
7.6
6.5/8.0
2.5/3.2
5.0
0.15
7.6
6.5/8.0
2.5/3.2
5.0
7.6
6.5/8.0
2.5/3.2
5.0
0.18
7.6
6.5/8.0
2.5/3.2
5.0
7.6
8.0
5.0
5.0
0.22
7.6
6.5/8.0
2.5/3.2
5.0
7.6
8.0
5.0
5.0
0.27
7.6
8.0
3.2/5.0
5.0
7.6
8.0
5.0
5.0
0.33
7.6
8.0
3.2/5.0
5.0
7.6
8.0
5.0
5.0
0.39
7.6
8.0
5.0
5.0
7.6
8.0/12.0
5.0/6.0
5.0
0.47
7.6
8.0
5.0
5.0
7.6
9.6/12.0
6.0
5.0
0.56
7.6
8.0
5.0
5.0
7.6
9.6/12.0
6.0
5.0
0.68
7.6
8.0/9.6
5.0/6.0
5.0
7.6
9.6/12.0
6.0
5.0
0.82
7.6
8.0/9.6
5.0/6.0
5.0
7.6
12.0
6.0
5.0
1.0
7.6
8.0/9.6
5.0/6.0
5.0
7.6
12.0
6.0
5.0
MERITEK
Minibox Metallized Polyester
Film Capacitors
EPEM Series
(5mm Lead Space)
Custom values and tolerances available upon request
Dimensions in millimeters (mm)
RV
63VDC/ 50VAC
100VDC/ 63VAC
DIM.
CAP(
μF)
W
H
T
P
W
H
T
P
Dimensions in millimeters (mm)
RV
63VDC/ 50VAC
100VDC/ 63VAC
DIM.
CAP(
μF)
W
H
T
P
W
H
T
P



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com