Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1017DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1017DI
Description  EZBuck??3A Simple Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1017DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1017DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1017DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AOZ1017D
Rev. 1.1 April 2009
www.aosmd.com
Page 2 of 16
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1017DI
-40°C to +85°C
5x4 DFN-8
RoHS
AOZ1017DIL
Green Product
Pin
Number
Pin Name
Pin Function
1
VIN
Supply voltage input. When VIN rises above the UVLO threshold the device starts up.
2
PGND
Power ground. Electrically needs to be connected to AGND.
3
AGND
Reference connection for controller section. Also used as thermal connection for controller
section. Electrically needs to be connected to PGND.
4
FB
The FB pin is used to determine the output voltage via a resistor divider between the output and
GND.
5
COMP
External loop compensation pin.
6
EN
The enable pin is active HIGH. Connect EN pin to VIN if not used. Do not leave the EN pin floating.
7, 8
LX
PWM output connection to inductor. Thermal connection for output stage.
VIN
PGND
AGND
FB
LX
LX
EN
COMP
5x4 DFN
(Top View)
LX
AGND
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com