Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7801 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7801
Description  2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7801 Datasheet(HTML) 2 Page - Analog Devices

  AD7801 Datasheet HTML 1Page - Analog Devices AD7801 Datasheet HTML 2Page - Analog Devices AD7801 Datasheet HTML 3Page - Analog Devices AD7801 Datasheet HTML 4Page - Analog Devices AD7801 Datasheet HTML 5Page - Analog Devices AD7801 Datasheet HTML 6Page - Analog Devices AD7801 Datasheet HTML 7Page - Analog Devices AD7801 Datasheet HTML 8Page - Analog Devices AD7801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. 0
AD7801–SPECIFICATIONS
(VDD = +2.7 V to +5.5 V, Internal Reference; CL = 100 pF, RL = 10 k
to VDD and GND.
All specifications TMIN to TMAX unless otherwise noted.)
Parameter
B Versions1
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Relative Accuracy
2
±1
LSB max
Differential Nonlinearity
±1
LSB max
Guaranteed Monotonic
Zero-Code Error @ +25
°C
3
LSB typ
All Zeros Loaded to DAC Register
Full-Scale Error
–0.75
LSB typ
All Ones Loaded to DAC Register
Zero-Code Error Drift
100
µV/°C typ
Gain Error
3
±1
% FSR typ
DAC REFERENCE INPUT
REFIN Input Range
1 to VDD/2
V min/V max
REFIN Input Impedance
10
M
Ω typ
OUTPUT CHARACTERISTICS
Output Voltage Range
0 to VDD
V min/V max
Output Voltage Settling Time
2
µs max
Typically 1.2
µs
Slew Rate
7.5
V/
µs typ
Digital-to-Analog Glitch Impulse
1
nV-s typ
1 LSB Change Around Major Carry
Digital Feedthrough
0.2
nV-s typ
DC Output Impedance
40
Ω typ
Short Circuit Current
14
mA typ
Power Supply Rejection Ratio
4
0.0003
%/% max
∆V
DD = ± 10%
LOGIC INPUTS
Input Current
±10
µA max
VINL, Input Low Voltage
0.8
V max
VDD = +5 V
VINL, Input Low Voltage
0.6
V max
VDD = +3 V
VINH, Input High Voltage
2.4
V min
VDD = +5 V
VINH, Input High Voltage
2.1
V min
VDD = +3 V
Pin Capacitance
7
pF max
POWER REQUIREMENTS
VDD
2.7/5.5
V min/V max
IDD (Normal Mode)
DAC Active and Excluding Load Current
VDD = 3.3 V
VIH = VDD and VIL = GND
@ 25
°C
1.55
mA max
See Figure 6
TMIN to TMAX
1.75
mA max
VDD = 5.5 V
@ 25
°C
2.35
mA max
TMIN to TMAX
2.5
mA max
IDD (Power-Down)
@ 25
°C1
µA max
VIH = VDD and VIL = GND
TMIN to TMAX
2
µA max
See Figure 18
NOTES
1Temperature ranges are as follows: B Version: –40
°C to +105°C
2Relative Accuracy is calculated using a reduced code range of 15 to 245.
3Gain Error is specified between Codes 15 and 245. The actual error at Code 15 is typically 3 LSB.
4Guaranteed by characterization at product release, not production tested.
Specifications subject to change without notice.
Figure 1. Timing Diagram for Parallel Data Write
t1
t2
t4
t3
t5
t6
t7
t8
CS
WR
D7-D0
LDAC
CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com