Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1022PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1022PI
Description  EZBuck??3A Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1022PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1022PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1022PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AOZ1022
Rev. 1.6 December 2010
www.aosmd.com
Page 2 of 17
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1022DI
-40°C to +85°C
DFN 5x4
AOZ1022
-40°C to +85°C
EPAD S0-8
Green
PGND
VIN
AGND
FB
PGOOD
LX
EN
COMP
5x4 DFN-8
(Top View)
1
2
3
4
8
7
6
5
GND
LX
1
2
3
4
PGND
VIN
AGND
FB
Exposed Pad SO-8
(Top View)
PAD
(LX)
NC
PGOOD
EN
COMP
8
7
6
5
Pin Number
Pin Name
Pin Function
5x4 DFN-8
Exposed
Pad SO-8
1
1
PGND
Power ground. PGND needs to be electrically connected to AGND.
22
VIN
Supply voltage input. When VIN rises above the UVLO threshold and EN is logic high,
the device starts up.
3
3
AGND
Analog ground. AGND is the reference point for controller section. AGND needs to
be electrically connected to PGND.
4
4
FB
Feedback input. The FB pin is used to set the output voltage via a resistor divider
between the output and AGND.
5
5
COMP
External loop compensation pin. Connect a RC network between COMP and AGND
to compensate the control loop.
6
6
EN
Enable pin. Pull EN to logic high to enable the device. Pull EN to logic low to disable
the device. if on/off control is not needed, connect it to VIN and do not leave it open.
7
Pad
LX
Switching node. LX is the drain of the internal PFET. LX is used as the thermal pad of
the power stage.
8
7
PGOOD
Power Good Output. PGOOD is an open-drain output that indicates the status of out-
put voltage. PGOOD is pulled low when output is below 90% of the normal regula-
tion.
8
NC
No Connect. Pin 8 is not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com