Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD779KD Datasheet(PDF) 4 Page - Analog Devices

Part # AD779KD
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD779KD Datasheet(HTML) 4 Page - Analog Devices

  AD779KD Datasheet HTML 1Page - Analog Devices AD779KD Datasheet HTML 2Page - Analog Devices AD779KD Datasheet HTML 3Page - Analog Devices AD779KD Datasheet HTML 4Page - Analog Devices AD779KD Datasheet HTML 5Page - Analog Devices AD779KD Datasheet HTML 6Page - Analog Devices AD779KD Datasheet HTML 7Page - Analog Devices AD779KD Datasheet HTML 8Page - Analog Devices AD779KD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD779
–4–
REV. B
TIMING SPECIFICATIONS
(All device types TMIN to TMAX, VCC = +12 V
5%, VEE = –12 V
5%, VDD = +5 V
10%)
Parameter
Symbol
Min
Max
Units
Conversion Rate
1
tCR
7.8
µs
Convert Pulse Width
tCP
0.097
3.0
µs
Aperture Delay
tAD
520
ns
Conversion Time
tC
6.3
µs
Status Delay
tSD
0
400
ns
Access Time
2, 3
tBA
10
100
ns
10
57
4
ns
Float Delay
5
tFD
10
80
ns
Output Delay
tOD
0ns
OE
Delay
tOE
20
ns
Read Pulse Width
tRP
100
ns
Conversion Delay
tCD
400
ns
NOTES
1Includes Acquisition Time.
2Measured from the falling edge of OE/EOCEN (0.8 V) to the time at which the
data lines/EOC cross 2.0 V or 0.8 V. See Figure 4.
3C
OUT = 100 pF.
4C
OUT = 50 pF.
5Measured from the rising edge of OE/EOCEN (2.0 V) to the time at which the
output voltage changes by 0.5 V. See Figure 4; COUT = 10 pF.
Specifications subject to change without notice.
Figure 1. Conversion Timing
Figure 2. Output Timing
Figure 3. EOC Timing
Figure 4. Load Circuit for Bus Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com