Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1084DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1084DI
Description  1.2A Buck LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1084DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1084DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1084DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AOZ1084
Rev. 0.3 April 2012
www.aosmd.com
Page 2 of 12
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1084DI
-40 °C to +85 °C
DFN2x2-8L
Green Product
Pin Number
Pin Name
Pin Function
1
LX
PWM output connection to inductor.
2VIN
Supply voltage input. Input range from 4.5V to 36V. When VIN rises above the UVLO
threshold the device starts up.
3VIN
Supply voltage input. Input range from 4.5V to 36V. When VIN rises above the UVLO
threshold the device starts up.
4
DIM
PWM dimming pin. This pin is active high.
5FB
LED current feedback. The FB pin regulation voltage is 160mV. Connect an external
sense resistor between the cathode of the LED string and GND to set LED current.
6
GND
Ground.
7
GND
Ground.
8
BST
Bootstrap voltage input. High side driver supply. Connected to 10nF capacitor between
BST and LX.
Exposed Pad
EPAD
Thermal exposed pad. Pad cam be connected to GND if necessary for improved thermal
performance.
BST
GND
GND
FB
LX
VIN
VIN
DIM
DFN2x2-8
(Top View)
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com