Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7778AS Datasheet(PDF) 11 Page - Analog Devices

Part # AD7778AS
Description  LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7778AS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7778AS Datasheet HTML 4Page - Analog Devices AD7778AS Datasheet HTML 5Page - Analog Devices AD7778AS Datasheet HTML 6Page - Analog Devices AD7778AS Datasheet HTML 7Page - Analog Devices AD7778AS Datasheet HTML 8Page - Analog Devices AD7778AS Datasheet HTML 9Page - Analog Devices AD7778AS Datasheet HTML 10Page - Analog Devices AD7778AS Datasheet HTML 11Page - Analog Devices AD7778AS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7776/AD7777/AD7778
–11–
REV. 0
RTN is tied to REFOUT then the analog input range becomes
0 V to 2 V. The fixed 2 V analog input voltage span of the ADC
can range from 1 V to 3 V (RTN = 0 V) to 0 V to 2 V (RTN =
2 V), i.e., with proper biasing, an input signal range from 0.3 V
to 2.3 V can be covered. Both the relative accuracy and differen-
tial nonlinearity performance remains essentially unchanged in
this mode while the SNR and THD performance are typically
2 dB to 3 dB worse than standard.
Changing the Analog Input Voltage Range
By biasing the RTN pin above AGND it is possible to change
the analog input voltage range from its VBIAS
± V
SWING format to
a more traditional 0 V to VREF range. The new input range can
be described as
VOFFSET to (VOFFSET + REFIN)
where 0 V
≤ V
OFFSET ≤ 1 V. To produce this range the RTN pin
must be biased to (REFIN – 2 VOFFSET). For instance if
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
R-24
24-Lead Wide-Body SOIC
PIN 1
0.299 (7.6)
0.291 (7.4)
13
12
1
24
0.419 (10.65)
0.394 (10.00)
0.013 (0.32)
0.009 (0.23)
0.005 (1.27)
0.015 (0.40)
0.614 (15.6)
0.598 (15.2)
0.104 (2.65)
0.093 (2.35)
0.012 (0.3)
0.004 (0.1)
0.019 (0.49)
0.014 (0.35)
0.050 (1.27)
BSC
R-28
28-Lead Wide-Body SOIC
PIN 1
0.299 (7.60)
0.291 (7.39)
15
14
1
28
0.414 (10.52)
0.398 (10.10)
0.03 (0.76)
0.02 (0.51)
0.013 (0.32)
0.009 (0.23)
0.042 (1.067)
0.018 (0.457)
0.708 (18.02)
0.696 (17.67)
0.096 (2.44)
0.089 (2.26)
0.01 (0.254)
0.006 (0.15)
0.019 (0.49)
0.014 (0.35)
0.050 (1.27)
BSC
1. LEAD NO. 1 IDENTIFIED BY A DOT.
2. SOIC LEADS WILL BE EITHER TIN PLATED OF SOLDER DIPPED
IN ACCORDANCE WITH MIL-M-38510 REQUIREMENTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com