Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1210AI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1210AI
Description  EZBuck??2A Simple Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1210AI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1210AI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1210AI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AOZ1210
Rev. 1.7 December 2009
www.aosmd.com
Page 2 of 14
Ordering Information
All AOS Products are offering in packaging with Pb-free plating and compliant to RoHS standards.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1210AI
-40°C to +85°C
SO-8
RoHS
VBIAS
VIN
EN
COMP
1
2
3
4
LX
BST
GND
FB
SO-8
(Top View)
8
7
6
5
Pin Number
Pin Name
Pin Function
1
LX
PWM output connection to inductor. LX pin needs to be connected externally. Thermal connection
for output stage.
2
BST
Bootstrap voltage input. High side driver supply. Connected to 0.1µF capacitor between BST and
LX.
3
GND
Ground.
4
FB
Feedback input. It is regulated to 0.8V. The FB pin is used to determine the PWM output voltage
via a resistor divider between the output and GND.
5
COMP
External loop compensation. Output of internal error amplifier. Connect a series RC network to
GND for control loop compensation.
6
EN
Enable pin. The enable pin is active HIGH. Connect EN pin to VIN if not used. Do not leave the EN
pin floating.
7VIN
Supply voltage input. Range from 4.5V to 27V. When VIN rises above the UVLO threshold the
device starts up. All VIN pins need to be connected externally.
8
VBIAS
Compensation pin of internal linear regulator. Place put a 1µF capacitor between this pin and
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com