Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD779BD Datasheet(PDF) 6 Page - Analog Devices

Part # AD779BD
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD779BD Datasheet(HTML) 6 Page - Analog Devices

Back Button AD779BD Datasheet HTML 2Page - Analog Devices AD779BD Datasheet HTML 3Page - Analog Devices AD779BD Datasheet HTML 4Page - Analog Devices AD779BD Datasheet HTML 5Page - Analog Devices AD779BD Datasheet HTML 6Page - Analog Devices AD779BD Datasheet HTML 7Page - Analog Devices AD779BD Datasheet HTML 8Page - Analog Devices AD779BD Datasheet HTML 9Page - Analog Devices AD779BD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD779
–6–
REV. B
PIN DESCRIPTION
28-Pin DIP
Symbol
Pin No.
Type
Name and Function
AGND
7
P
Analog Ground. This is the ground return for AIN only.
AIN
6
AI
Analog Signal Input.
BIPOFF
10
AI
Bipolar Offset. Connect to AGND for +10 V input unipolar mode and straight
binary output coding. Connect to REFOUT for
±5 V input
bipolar mode and twos-complement binary output coding.
CS
12
DI
Chip Select. Active LOW.
DGND
14
P
Digital Ground.
DB13–DB0
28–15
DO
Data Bits. These pins provide all 14 bits in one 14 bit parallel output.
Active HIGH.
EOC
2
DO
End-of-Convert. EOC goes LOW when a conversion starts and goes HIGH
when the conversion is finished. EOC is a three-state output. See
EOCEN
pin for information on EOC gating.
EOCEN
13
DI
End-of-Convert Enable. Enables EOC pin. Active LOW.
OE
3
DI
Output Enable. A down-going transition on OE enables data bits.
Active LOW.
REFIN
9
AI
Reference Input. +5 V input gives 10 V full scale range.
REFOUT
8
AO
+5 V Reference Output. Tied to REFIN for normal operation.
SC
4
DI
Start Convert. Active LOW.
VCC
11
P
+12 V Analog Power.
VEE
5
P
–12 V Analog Power.
VDD
1
P
+5 V Digital Power.
Type: AI = Analog Input.
AO = Analog Output.
DI = Digital Input.
DO = Digital Output. All DO pins are three-state drivers.
P = Power.
PIN CONFIGURATION
DIP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com