Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6C Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MB6C
Description  Low Capacitance, Super Low Clamping Voltage Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MB6C Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MB6C Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MB6C Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
IRM@VRM
MAX.
V
V
V
V
V
Part Number VBR Min @ It
It
Vc @ IPP
IPP
Ctype at
1MHz 0V
TJ
TS
V
mA
V
A
pF
(°C)
(°C)
6
1
15
40
35
-40~150
-65~150
Note
:
VRM
Reverse Stand-Off Voltage or
Working Voltage
VC
Maximum Clamping Voltage
IRM
Reverse Maximum Leakage
IPP
Peak Pulse Current@10/1000 s Wave
VBR
Breakdown Voltage @ 1mA
Ctype Capacitance is measured at 1MHz with a 0V
TJ
Operating Temperature
TS
Storage Temperature
GR-1089 Core
Intrabuilding
__
__
40
__
ITU-T-K20/K21
4000
S
100
40
ITU-T-K20
(IEC61000-4-2)
30000
1/30nS
ESD contact discharge
ESD air discharge
__
IEC61000-4-5
4000
S
100
40
FCC Part 68
__
__
90
50
5
200
4
50
3
10
2.5
5
1.5
1
__
__
000
1/ 0nS
MB6C Series
MERITEK
Standard
Peak Surge
Voltage(V)
Voltage
Waveform
Required
Peak
Current
Waveform
Minimum serial
Resistor to meet
μA
μA
μA
μA
μA
Standard(
Ω)
Current (A)
STANDARDS COMPLIANCE
SPECIFICATIONS
MB6C
MB6C
2
Rev 7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com