Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHD Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MHD
Description  Snap-In Aluminim Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHD Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MHD Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHD Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
W.V(V)
160(2C)
200(2D)
250(2E)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
100
22x20
0.65
150
22x20
30x20
0.75
0.87
220
22x20
25x20
30x20
0.85
0.95
1.10
270
25x20
30x20
35x20
1.10
1.25
1.28
330
30x20
30x20
35x20
1.20
1.40
1.45
390
30x20
35x20
1.35
1.60
470
35x20
35x20
1.50
1.80
560
35x20
1.65
W.V(V)
350(2V)
400(2G)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
47
22x20
0.35
56
25x20
0.40
68
25x20
0.46
82
25x20
0.60
100
25x20
30x20
0.70
0.72
120
25x20
35x20
0.75
0.80
150
30x20
35x20
0.80
0.86
180
35x20
35x20
0.87
0.92
IR : Maxium permissible ripple current [A(rms) at 105
oC,120Hz]
Case size [
φ DxL (mm)]
MERITEK
nap- n luminum
lectrolytic apacitors
MHD Series
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com