Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MHT
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MHT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
PCB Mounting
Very compact size (Smaller than MHS)
High CV density
Load life of 3000 hours at 85oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
160V-250V: -40oC to +85oC
350V-450V: -25oC to +85oC
Rated Working Voltage
160 to 450VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20oC)
I≤0.02CV or 2mA, whichever is less (at 20OC after 5 minutes)
I=DC Leakage current (A) C= Nominal capacitance (F) V= Rated voltage (VDC)
Dissipation Factor
Tanδ (120Hz, 20oC)
160 to 250
350 to 450
Tanδ (120Hz,
20oC)
0.15
0.20
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
160 to 250
350 to 450
Z -25OC/Z 20OC
4
8
Z -40OC/Z 20OC
12
-
Load Life
After applying rated working voltage for 3000 hours at 85oC and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
±200% of the initial specified value
Leakage current
The initial specified value
Shelf Life
After storage for 1000 hours at 85 oC with no voltage applied and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±15% of the initial value
Tanδ
150% of the initial specified value
Leakage current
The initial specified value
PART NUMBERING SYSTEM
DIMENSIONS
MHT
16
0V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
F
2200
5600
15000
47000
Tolerance -
M= ±20%
Case size
(diameter X length, in mm)
Frequency
Freq (Hz)
WV (V)
50
120
300
RIPPLE CURRENT COEFFICIENT
1K
10K
100K
160 to 250
0.82
1.0
1.20
1.37
1.45
1.50
350 to 450
0.82
1.0
1.18
1.23
1.35
1.40
Temperature
Temperature
≤ 45
oC
60
oC
70
oC
85
oC
Factor
1.40
1.30
1.15
1.0
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
MHT Series
rev.7a


Similar Part No. - MHT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1000HR5 NXP-MHT1000HR5 Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
MHT1001H NXP-MHT1001H Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1001HR5 NXP-MHT1001HR5 Datasheet
551Kb / 10P
RF Power LDMOS Transistor
Rev. 0, 5/2014
MHT1002GNR3 NXP-MHT1002GNR3 Datasheet
632Kb / 20P
RF Power LDMOS Transistors
Rev. 0, 4/2015
More results

Similar Description - MHT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com