Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1282DI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1282DI
Description  EZBuck??1.2A Simple Buck Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1282DI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1282DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1282DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AOZ1282DI
Rev. 0.6 September 2012
www.aosmd.com
Page 2 of 13
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1282DI
-40 °C to +85 °C
DFN2x2-8L
Green Product
Pin Number
Pin Name
Pin Function
1
LX
PWM Output. Connect to inductor.
2, 3
VIN
Supply Voltage Input. Range from 4.5V to 36V. When VIN rises above the UVLO
threshold the device starts up.
4
EN
Enable Pin. The enable pin is active high. Connect EN pin to VIN through current limiting
resistor. Do not leave the EN pin floating.
5
FB
Feedback Input. It is regulated to 0.8V. The FB pin is used to determine the PWM output
voltage via a resistor divider between the output and GND.
6, 7
GND
Ground.
8
BST
Bootstrap Voltage Input. High side driver supply. Connected to 100nF capacitor between
BST and LX.
Exposed Pad
EPAD
Thermal Exposed Pad. Pad can be connected to GND if necessary for improved thermal
performance.
DFN 2x2-8L
(Top View)
1
2
3
4
8
7
6
5
BST
GND
GND
FB
LX
VIN
VIN
EN
EPAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com