Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1283PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1283PI
Description  EZBuck??2.5A Simple Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1283PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1283PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1283PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AOZ1283
Rev. 0.4 June 2012
www.aosmd.com
Page 2 of 15
Ordering Information
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
Pin Description
Part Number
Ambient Temperature Range
Package
Environmental
AOZ1283PI
-40 °C to +85 °C
EPAD SO-8
Green Product
Pin Number
Pin Name
Pin Function
1
LX
PWM Output. Connect to inductor.
2
BST
Bootstrap Voltage Input. Driver supply for High-side NMOS. Connected to 100nF
capacitor between BST and LX.
3
GND
Ground.
4
FSW
Frequency Bias. Connect to resistor to determine switching frequency.
5
COMP
Compensation. Connect to resistor and capacitor for system stability.
6
FB
Feedback Input. It is regulated to 0.8V. The FB pin is used to determine the PWM output
voltage via a resistor divider between the output and GND.
7
SS
Soft Start.
8
EN
Enable.
Exposed Pad
VIN
Supply Voltage Input.
LX
1
EN
8
BST
2
SS
7
GND
3
FB
6
FSW
4
COMP
5
Exposed
PAD
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com