Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ1284PI Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1284PI
Description  EZBuck??4A Simple Buck Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1284PI Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1284PI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1284PI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Page 2 of 14
Rev. 0.5 March 2012
www.aosmd.com
AOZ1284
Ordering Information
Part Number
Temperature Range
Package
Environmental
AOZ1284PI
-40°C to +85°C
EPAD SO-8
Green Product
AOZ1284PI-1
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/media/AOSGreenPolicy.pdf for additional information.
Pin Configuration
EPAD SO-8
(Top View)
Pin Description
Part Number
Pin Name
Pin Function
1
LX
PWM Output Pin. Connect to inductor.
2
BST
Bootstrap Voltage Pin. Driver supply for High Side NMOS. Connected to
100nF capacitor between BST and LX.
3
GND
Ground Pin.
4
FSW
Frequency Bias Pin. Connect to resistor to determine switching frequency.
5
COMP
Compensation Pin. Connect to Resistor and Capacitor for system stability.
6
FB
Feedback Pin. It is regulated to 0.8V. The FB pin is used to determine the
PWM output voltage via a resistor divider between the Output and Ground.
7
SS
Soft Start Pin.
8
EN
Enable Pin.
Exposed PAD
VIN
Supply Voltage Pin.
LX 1
EN
8
BST 2
SS
7
GND 3
FB
6
FSW 4
COMP
5
Exposed
PAD
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com