Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPPS
Description  Hi-Voltage Metallized Polypropylene Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPPS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPPS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RatedVoltage
1000/1200VDC
1600VDC
2000VDC
DIM.
CAP(μF)
W
T
H
P±1.5
W
T
H
P±1.5
W
T
H
P±1.5
0.0010
19.0
7 . 0
12.0
15.0
25.0
7 . 0
11.0
21.0
25.0
8 . 5
14.0
21.0
0.0012
19.0
7.5
12.5
15.0
25.0
7.0
11.0
21.0
25.0
9.0
15.0
21.0
0 . 0015
19.0
8 . 0
13.0
15.0
25.0
7 . 5
11.5
21.0
25.0
9 . 5
15.5
21.0
0.0016
19.0
8.0
13.0
15.0
25.0
8.0
12.0
21.0
25.0
9.5
15.5
21.0
0.0018
19.0
8 . 5
13.5
15.0
25.0
8 . 0
12.5
21.0
25.0
9 . 5
16.0
21.0
0.0020
19.0
8.5
14.0
15.0
25.0
8.0
13.0
21.0
25.0
10.0
16.5
21. 0
0.0024
25.0
8 . 5
13.0
21.0
25.0
8 . 5
14.0
21.0
25.0
10.5
17.0
21.0
0.0027
25.0
8.5
13.0
21.0
25.0
8.5
15.0
21.0
25.0
11.0
17.5
21.0
0.0030
25.0
8 . 5
13.0
21.0
25.0
8 . 5
16.0
21.0
25.0
11.0
18.0
21.0
0.0033
25.0
8.5
13.0
21.0
25.0
9.0
16.5
21.0
25.0
11.5
18.5
21.0
0.0036
25.0
8 . 5
13.0
21.0
25.0
10.0
17.0
21.0
25.0
12.0
19.0
21.0
0.0039
25.0
8.5
14.0
21.0
25.0
11.0
18.0
21.0
32.0
10.0
17.5
27.5
0.0043
25.0
9 . 0
14.0
21.0
25.0
10.5
18.0
21.0
32.0
10.5
18.0
27.5
0.0047
25.0
9.0
14.0
21.0
25.0
11.0
18.0
21. 0
32.0
11.0
19.0
27.5
0.0056
25.0
9 . 0
14.5
21.0
25.0
12.0
19.5
21.0
32.0
12.0
20.0
27.5
0.0068
25.0
10.0
15.5
21.0
25.0
13.0
22.0
21.0
32.0
13.0
21.0
27.5
0.0075
25.0
10.0
16.0
21.0
32.0
11.5
19.0
27.5
32.0
13.5
22.5
27.5
0.0082
25.0
10.5
16.0
21.0
32. 0
12.0
19.0
27.5
32.0
14.0
23.0
27.5
0.010
25.0
11.5
18.0
21.0
32.0
12.0
19.0
27.5
32.0
15.0
25.0
27.5
0.012
25.0
12.5
21.5
21.0
32.0
13.0
22.0
27.5
0.015
25.0
13.5
22.0
21.0
32.0
14.0
23.5
27.5
0.016
32.0
12.5
20.5
27.5
0.018
32.0
1 3 . 0
21.0
27.5
0.020
32.0
14.0
22.0
27.5
0.022
32.0
14.0
23.0
27.5
MERITEK
Hi-Voltage Metallized Polypropylene
Film Capacitors
MPPS Series
(Radial Dipped)
FEATURES
•
Very low loss, small inherent temperature rise
•
Non-inductive construction
•
Temperature coefficient of capacitance is negative and nearly
constant
•
High insulation resistance
•
Flame retardant epoxy resin coating
(in compliance with UL94V-0)
SPECIFICATIONS
1.
Operating temperature
-40
oC to +105oC
2.
Capacitance range:
0.001
μF to 0.022μF
3.
Capacitance tolerance:
±5%(J), ±10%(K)
4.
Rated voltage:
1000VDC, 1200VDC, 1600VDC,
2000VDC
5.
Dissipation factor:
0.1% max. at 1KHz, 20
oC
0.2% max. at 10KHz, 20
oC
6.
Insulation resistance:
>50000M
Ω
PART NUMBERING SYSTEM
MPPS
332
K
3A
Meritek Series
Capacitance
CODE
102
103
104
(pF )
1,000
10,000
100,000
( nF )
1
10
100
( μF )
0.001
0.01
0.1
Tolerance
CODE
J
K
Tolerance (%)
± 5
± 10
Rated Voltage
CODE
3A
1K2
3C
3D
1000V
1200V
1600
2000
MPPS are constructed with metallized
polypropylene film dielectric, metal foil electrodes,
tinned copper leads, and flame retardant epoxy
resin coating. They are suitable for high voltage
and pulse in horizontal resonance circuits as
commonly found in televisions, due to their small
size, high reliability, large current load capability,
*Voltage derated at operating temperature >85
oC
Specifications are subject to change without notice.
rev.6a


Similar Part No. - MPPS

ManufacturerPart #DatasheetDescription
logo
RFE international
MPPS RFE-MPPS Datasheet
128Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
REV 2010.10.13
MPPS472K3B RFE-MPPS472K3B Datasheet
77Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
MPPS472K3B RFE-MPPS472K3B Datasheet
128Kb / 1P
METALIZED POLYPROPYLENE FILM CAPACITORS MPPS Series: High Voltage Radial Dipped
REV 2010.10.13
More results

Similar Description - MPPS

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS09 SUNTAN-TS09 Datasheet
547Kb / 1P
High Voltage Metallized Polypropylene Film Capacitors
logo
MERITEK ELECTRONICS COR...
HMPE MERITEK-HMPE Datasheet
111Kb / 1P
Hi-Voltage Metallized Polyester Film Capacitors
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Suntan Capacitors
TS09 SUNTAN-TS09_17 Datasheet
96Kb / 1P
High Voltage Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com