Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7822 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7822
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7822 Datasheet(HTML) 2 Page - Analog Devices

  AD7822 Datasheet HTML 1Page - Analog Devices AD7822 Datasheet HTML 2Page - Analog Devices AD7822 Datasheet HTML 3Page - Analog Devices AD7822 Datasheet HTML 4Page - Analog Devices AD7822 Datasheet HTML 5Page - Analog Devices AD7822 Datasheet HTML 6Page - Analog Devices AD7822 Datasheet HTML 7Page - Analog Devices AD7822 Datasheet HTML 8Page - Analog Devices AD7822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
–2–
REV. B
AD7822/AD7825/AD7829–SPECIFICATIONS
Parameter
Version B
Unit
Test Condition/Comment
DYNAMIC PERFORMANCE
fIN = 30 kHz. fSAMPLE = 2 MHz
Signal to (Noise + Distortion) Ratio
1
48
dB min
Total Harmonic Distortion1
–55
dB max
Peak Harmonic or Spurious Noise
1
–55
dB max
Intermodulation Distortion
1
fa = 27.3 kHz, fb = 28.3 kHz
2nd Order Terms
–65
dB typ
3rd Order Terms
–65
dB typ
Channel-to-Channel Isolation
1
–70
dB typ
fIN = 20 kHz
DC ACCURACY
Resolution
8
Bits
Minimum Resolution for Which
No Missing Codes Are Guaranteed
8
Bits
Integral Nonlinearity (INL)
1
±0.75
LSB max
Differential Nonlinearity (DNL)
1
±0.75
LSB max
Gain Error1
±2
LSB max
Gain Error Match
1
±0.1
LSB typ
Offset Error
1
±1
LSB max
Offset Error Match1
±0.1
LSB typ
ANALOG INPUTS
2
See Analog Input Section
VDD = 5 V
± 10%
Input Voltage Span = 2.5 V
VIN1 to VIN8 Input Voltage
VDD
V max
0
V min
VMID Input Voltage
VDD – 1.25
V max
Default VMID = 1.25 V
1.25
V min
VDD = 3 V
± 10%
Input Voltage Span = 2 V
VIN1 to VIN8 Input Voltage
VDD
V max
0
V min
VMID Input Voltage
VDD – 1
V max
Default VMID = 1 V
1
V min
VIN Input Leakage Current
±1
µA max
VIN Input Capacitance
15
pF max
VMID Input Impedance
6
k
Ω typ
REFERENCE INPUT
VREF IN/OUT Input Voltage Range
2.55
V max
2.5 V + 2%
2.45
V min
2.5 V – 2%
Input Current
1
µA typ
100
µA max
ON-CHIP REFERENCE
Nominal 2.5 V
Reference Error
±50
mV max
Temperature Coefficient
50
ppm/
°C typ
LOGIC INPUTS
Input High Voltage, VINH
2.4
V min
VDD = 5 V
± 10%
Input Low Voltage, VINL
0.8
V max
VDD = 5 V
± 10%
Input High Voltage, VINH
2
V min
VDD = 3 V
± 10%
Input Low Voltage, VINL
0.4
V max
VDD = 3 V
± 10%
Input Current, IIN
±1
µA max
Typically 10 nA, VIN = 0 V to VDD
Input Capacitance, CIN
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200
µA
4
V min
VDD = 5 V
± 10%
2.4
V min
VDD = 3 V
± 10%
Output Low Voltage, VOL
ISINK = 200
µA
0.4
V max
VDD = 5 V
± 10%
0.2
V max
VDD = 3 V
± 10%
High Impedance Leakage Current
±1
µA max
High Impedance Capacitance
10
pF max
(VDD = 3 V
10%, VDD = 5 V
10%, GND = 0 V,
VREF IN/OUT = 2.5 V. All specifications –40 C to +85 C unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com