Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7823YN Datasheet(PDF) 8 Page - Analog Devices

Part # AD7823YN
Description  2.7 V to 5.5 V, 4.5 us, 8-Bit ADC in 8-Lead microSOIC/DIP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7823YN Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7823YN Datasheet HTML 3Page - Analog Devices AD7823YN Datasheet HTML 4Page - Analog Devices AD7823YN Datasheet HTML 5Page - Analog Devices AD7823YN Datasheet HTML 6Page - Analog Devices AD7823YN Datasheet HTML 7Page - Analog Devices AD7823YN Datasheet HTML 8Page - Analog Devices AD7823YN Datasheet HTML 9Page - Analog Devices AD7823YN Datasheet HTML 10Page - Analog Devices AD7823YN Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AD7823
–8–
REV. B
POWER-UP TIMES
The AD7823 has a 1
µs power-up time. When VDD is first
connected, the AD7823 is in a low current mode of operation.
In order to carry out a conversion, the AD7823 must first be
powered up. The ADC is powered up by a rising edge on the
CONVST pin. A conversion is initiated on the falling edge of
CONVST. Figure 12 shows how to power up the AD7823 when
VDD is first connected or after the AD7823 is powered down
using the
CONVST pin.
Care must be taken to ensure that the
CONVST pin of the
AD7823 is logic low when VDD is first applied.
CONVST
tPOWER-UP
1 s
VDD
MODE 1 (
CONVST IDLES HIGH)
CONVST
VDD
MODE 2 (
CONVST IDLES LOW)
1µs
tPOWER-UP
1 s
Figure 12. Power-Up Times
POWER VS. THROUGHPUT RATE
By operating the AD7823 in Mode 2, the average power con-
sumption of the AD7823 decreases at lower throughput rates.
Figure 13 shows how the automatic power-down is imple-
mented using the
CONVST signal to achieve the optimum
power performance for the AD7823. The AD7823 is operated
in Mode 2. As the throughput rate is reduced, the device re-
mains in its power-down state for longer, and the average power
consumption over time drops accordingly.
tCYCLE
100 s @ 10kSPS
CONVST
tCONVERT
4.5 s
POWER-DOWN
tPOWER-UP
1 s
Figure 13. Automatic Power-Down
For example, if the AD7823 is operated in a continuous
sampling mode with a throughput rate of 10 kSPS, the power
consumption is calculated as follows. The power dissipation
during normal operation is 10.5 mW, VDD = 3 V. If the power-
up time is 1
µs and the conversion time is 4.5 µs, then the
AD7823 can be said to dissipate 10.5 mW for 5.5
µs (worst
case) during each conversion cycle. If the throughput rate is
10 kSPS, the cycle time is 100
µs, and the average power
dissipated during each cycle is (5.5/100)
× (10.5 mW) = 570 µW.
Figure 2 shows a graph of Power vs. Throughput.
OPERATING MODES
Mode 1 Operation (High Speed Sampling)
When the AD7823 is used in this mode of operation, the part is
not powered down between conversions. This mode of opera-
tion allows high throughput rates to be achieved. The timing
diagram in Figure 14 shows how this optimum throughput rate
is achieved by bringing the
CONVST signal high before the end
of the conversion. The AD7823 leaves its tracking mode and
goes into hold on the falling edge of
CONVST. A conversion is
also initiated at this time and takes 4
µs typ to complete. At this
point, the result of the current conversion is latched into the
serial shift register, and the state of the
CONVST signal is
checked. The
CONVST signal should be high at the end of the
conversion to prevent the part from powering down.
A
B
t2
CONVST
DOUT
t1
SCLK
CURRENT CONVERSION
RESULT
Figure 14. Mode 1 Operation Timing
The serial port on the AD7823 is enabled on the rising edge of
the
CONVST signal–see Serial Interface section. As explained
earlier, this rising edge should occur before the end of the
conversion process if the part is not to be powered down. A
serial read can take place at any stage after the rising edge of
CONVST. If a serial read is initiated before the end of the
current conversion process (i.e., at time “A”), then the result of
the previous conversion is shifted out on the DOUT pin. It is
possible to allow the serial read to extend beyond the end of a
conversion. In this case, the new data will not be latched into
the output shift register until the read has finished. If the user
waits until the end of the conversion process, i.e., 4
µs typ after
falling edge of
CONVST (Point “B”), before initiating a read,
the current conversion result is shifted out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com