Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTH250V080V Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTH250V080V
Description  Polymeric PTC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTH250V080V Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MPTH250V080V Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MPTH250V080V Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics (23ºC)
IH=Hold current-maximum current at which the device will not trip at 23℃ still air.
IT=Trip current-maximum current at which the device will always trip at 23℃ still air.
V MAX=Maximum operating voltage at which the device can withstand without damage at its rated current.
VI -MAX = Maximum interrupt voltage device can withstand for short period of time. (Not for long term.)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23℃ still air environment.
RMIN=Minimum device resistance at 23℃.
R1MAX=Maximum device resistance at 23℃ 1 hour after tripping .
Physical specifications:
Lead material: MPTH250V080 ~ MPTH250V180 Tin plated copper, 22 AWG.
MPTH600V150 ~ MPTH600V160 Tin plated copper, 22 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy ,meet UL-94V-0 requirement.
Resistance
Tolerance
Max. Time
To Trip
Hold
Current
Trip
Current
Current
Time
Maximum
Current
Max Oper.
Voltage
Max Int.
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH, A
IT, A
A
Sec
IMAX, A
VMAX, Vdc
VI-MAX,V
Pd, W
Ω
Ω
MPTH250V080U
0.08
0.16
0.35
4.0
3.0
60
250
1.0
14.0
33.0
MPTH250V080
0.08
0.16
0.35
4.0
3.0
60
250
1.0
14.0
33.0
MPTH250V110U
0.11
0.22
1.00
2.0
3.0
60
250
1.0
5.0
16.0
MPTH250V110
0.11
0.22
1.00
2.0
3.0
60
250
1.0
5.0
16.0
MPTH250V120U
0.12
0.24
1.00
2.0
3.0
60
250
1.0
6.0
16.0
MPTH250V120
0.12
0.24
1.00
2.0
3.0
60
250
1.0
4.0
16.0
MPTH250V145U
0.15
0.29
1.00
2.5
3.0
60
250
1.0
3.5
12.0
MPTH250V145
0.15
0.29
1.00
2.5
3.0
60
250
1.0
3.0
12.0
MPTH250V180U
0.18
0.65
1.50
10.0
10.0
60
250
1.5
0.8
4.0
MPTH250V180
0.18
0.65
1.50
11.0
10.0
60
250
1.5
0.8
4.0
MPTH600V150
0.15
0.30
1.00
5.0
3.0
60
600
1.6
6.0
22.0
MPTH600V160
0.16
0.32
1.00
7.0
3.0
60
600
1.6
4.0
18.0
MPTH Series
Polymeric PTC
Rev.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com