Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPTS-R Datasheet(PDF) 16 Page - MERITEK ELECTRONICS CORPORATION

Part # MPTS-R
Description  Polymeric PTC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPTS-R Datasheet(HTML) 16 Page - MERITEK ELECTRONICS CORPORATION

Back Button MPTS-R Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 16Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 17Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 18Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 19Page - MERITEK ELECTRONICS CORPORATION MPTS-R Datasheet HTML 20Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
The dimension in the table below provides the recommended pad layout for each MPTS1812 device
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp) 3 ℃/second max.
Preheat :
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (tsmin to tsmax)
150 ℃
200 ℃
60-180 seconds
Time maintained above:
Temperature(TL)
Time (tL)
217 ℃
60-150 seconds
Peak/Classification Temperature(Tp) : 260 ℃
Time within 5℃ of actual Peak :
Temperature (tp)
20-40 seconds
Ramp-Down Rate :
6 ℃/second max.
Time 25 ℃ to Peak Temperature :
8 minutes max.
Polymeric PTC
MPTS Series
Pad dimensions (millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
All 1812 Series
3.45
1.78
3.50
Solder reflow
Due to “Lead Free” nature, Temperature
and Dwell time for the soldering zone is
higher than those for Non-compliant
parts. This may cause damage to other
components.
Recommended max solder paste
thickness > 0.25mm.
Devices can be cleaned using standard
methods and aqueous solvent.
Rework should utilize standard industry
practices. Theses changes should apply
to all notes for each case size.
Storage Environment : < 30ºC / 60%RH
Caution:
If reflow temperatures exceed the
recommended profile, devices may not
meet the performance requirements.
Devices are not designed to be wave
soldered to the bottom side of the board.
Rev.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com