Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MSC
Description  Safety Chip Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MSC Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MSC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MSC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MSC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MSC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Size
Inch (mm)
L (mm)
W (mm)
Tmax (mm)
MB min (mm)
B
1808 (4520)
4.60±0.30
2.00±0.20
2.20
0.26
1812 (4532)
4.60±0.30
3.20±0.30
2.80
0.26
2211 (5728)
5.70±0.40
2.80±0.30
2.80
0.30
T
W
L
M
M
B
B
The outline of MLCC
X1Y2 Class
SIZE
1808
DIELECTRIC
NPO
RATED VOLTAGE
250Vac
CERTIFICATED
UL
CLASS
X1Y2
3.0pF (3R0)
3.3pF (3R3)
3.9pF (3R9)
4.7pF (4R7)
5.0pF (5R0)
5.6pF (5R6)
6.8pF (6R8)
8.2pF (8R2)
10pF (100)
12pF (120)
15pF (150)
18pF (180)
22pF (220)
27pF (270)
33pF (330)
39pF (390)
47pF (470)
56pF (560)
68pF (680)
82pF (820)
100pF (101)
120pF (121)
130pF (131)
150pF (151)
180pF (181)
220pF (221)
270pF (271)
330pF (331)
390pF (391)
470pF (471)
560pF (561)
680pF (681)
820pF (821)
1,000pF (102)
1,200pF (122)
1,500pF (152)
1,800pF (182)
2,200pF (222)
1812
2211
X7R
X7R
250Vac
250Vac
UL
UL
X1Y2
X1Y2
MERITEK
Safety Chip Capacitors
MSC Series
(X<2/;Y3)
DIMENSIONS
CAPACITANCE RANGE
2
Rev 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com