Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7828BQ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7828BQ
Description  LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7828BQ Datasheet(HTML) 2 Page - Analog Devices

  AD7828BQ Datasheet HTML 1Page - Analog Devices AD7828BQ Datasheet HTML 2Page - Analog Devices AD7828BQ Datasheet HTML 3Page - Analog Devices AD7828BQ Datasheet HTML 4Page - Analog Devices AD7828BQ Datasheet HTML 5Page - Analog Devices AD7828BQ Datasheet HTML 6Page - Analog Devices AD7828BQ Datasheet HTML 7Page - Analog Devices AD7828BQ Datasheet HTML 8Page - Analog Devices AD7828BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. F
–2–
AD7824/AD7828–SPECIFICATIONS (V
DD = 5 V, VREF (+) = 5 V, VREF (–) = GND = O V, unless otherwise
noted. All specifications TMIN to TMAX, unless otherwise noted. Specifications apply to Mode 0.)
Parameter
K Version
1
L Version
B, T Versions
C, U Versions Unit
Conditions/Comments
ACCURACY
Resolution
8
8
8
8
Bits
Total Unadjusted Error
2
±1
±1/2
±1
±1/2
LSB max
Minimum Resolution for which
No Missing Codes Are Guaranteed 8
8
8
8
Bits
Channel-to-Channel Mismatch
±1/4
±1/4
±1/4
±1/4
LSB max
REFERENCE INPUT
Input Resistance
1.0/4.0
1.0/4.0
1.0/4.0
1.0/4.0
k
Ω min/kΩ max
VREF (+) Input Voltage Range
VREF (–)/
VREF (–)/
VREF (–)/
VREF (–)/
V min/V max
VDD
VDD
VDD
VDD
VREF (–) Input Voltage Range
GND/
GND/
GND/
GND/
V min/V max
VREF (+)
VREF (+)
VREF (+)
VREF (+)
ANALOG INPUT
Input Voltage Range
VREF (–)/
VREF (–)/
VREF (–)/
VREF (–)/
V min/V max
VREF (+)
VREF (+)
VREF (+)
VREF (+)
Input Leakage Current
±3
±3
±3
±3
µA max
Analog Input Any Channel
Input Capacitance
3
45
45
45
45
pF typ
0 V to 5 V
LOGIC INPUTS
RD, CS, A0, A1, and A2
VINH
2.4
2.4
2.4
2.4
V min
VINL
0.8
0.8
0.8
0.8
V max
IINH
11
1
1
µA max
IINL
–1
–1
–1
–1
µA max
Input Capacitance
3
88
88
pF max
Typically 5 pF
LOGIC OUTPUTS
DB0–DB7 and
INT
VOH
4.0
4.0
4.0
4.0
V min
ISOURCE = 360
µA
VOL
0.4
0.4
0.4
0.4
V max
ISINK = 1.6 mA
IOUT (DB0–DB7)
±3
±3
±3
±3
µA max
Floating State Leakage
Output Capacitance
3
88
88
pF max
Typically 5 pF
RDY
VOL
4
0.4
0.4
0.4
0.4
V max
ISINK = 2.6 mA
IOUT
±3
±3
±3
±3
µA max
Floating State Leakage
Output Capacitance
8
8
8
8
pF max
Typically 5 pF
SLEW RATE, TRACKING
3
0.7
0.7
0.7
0.7
V/
µs typ
0.157
0.157
0.157
0.157
V/
µs max
POWER SUPPLY
VDD
55
5
5
V
±5% for Specified
Performance
IDD
5
16
16
20
20
mA max
CS = RD = 2.4 V
Power Dissipation
50
50
50
50
mW typ
80
80
100
100
mW max
Power Supply Sensitivity
±1/4
±1/4
±1/4
±1/4
LSB max
±1/16 LSB typ
VDD = 5 V
± 5%
NOTES
1Temperature ranges are as follows:
K, L Versions: 0
°C to 70°C
B, C Versions: –40
°C to +85°C
T, U Versions: –55
°C to +125°C
2Total Unadjusted Error includes offset, full-scale and linearity errors.
3Sample tested at 25
°C by Product Assurance to ensure compliance.
4RDY is an open-drain output.
5See Typical Performance Characteristics.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com