Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUD Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUD
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUD Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUD Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUD Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MUD Series
Series
W.V
Cap (
μF)
100
150
180
220
270
330
390
470
W.V
Cap (
μF)
56
68
82
100
120
150
IR: Maximum Permissible Ripple Current [A(rms) at 105
oC, 120Hz]
35x20
0.50
35x20
0.55
30x20
0.46
35x20
0.53
25x20
0.43
30x20
0.48
22x20
0.35
25x20
0.40
30x20
0.45
25x20
0.40
25x20
0.30
SIZE
IR
SIZE
IR
35x20
1.00
35x20
1.05
35x20
1.20
22x20
0.42
25x20
0.5
30x20
0.70
30x20
0.85
0.90
30x20
1.00
35x20
1.10
1.30
22x20
0.45
25x20
0.70
30x20
0.65
0.80
1.00
1.05
SIZE
IR
SIZE
IR
SIZE
IR
350(2V)
400(2G)
22x20
25x20
30x20
30x20
35x20
35x20
0.60
160(2C)
200(2D)
250(2E)
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com