Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7854L Datasheet(PDF) 1 Page - Analog Devices

Part # AD7854L
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7854L Datasheet(HTML) 1 Page - Analog Devices

  AD7854L Datasheet HTML 1Page - Analog Devices AD7854L Datasheet HTML 2Page - Analog Devices AD7854L Datasheet HTML 3Page - Analog Devices AD7854L Datasheet HTML 4Page - Analog Devices AD7854L Datasheet HTML 5Page - Analog Devices AD7854L Datasheet HTML 6Page - Analog Devices AD7854L Datasheet HTML 7Page - Analog Devices AD7854L Datasheet HTML 8Page - Analog Devices AD7854L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FUNCTIONAL BLOCK DIAGRAM
CALIBRATION
MEMORY
AND CONTROLLER
2.5V
REFERENCE
AVDD
AGND
DVDD
CLKIN
CONVST
BUSY
CREF2
CREF1
REFIN/
REFOUT
AIN(–)
AIN(+)
DGND
DB11–DB0
WR HBEN
RD
CS
PARALLEL INTERFACE/CONTROL REGISTER
AD7854/AD7854L
CHARGE
REDISTRIBUTION
DAC
T/H
COMP
SAR + ADC
CONTROL
BUF
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
3 V to 5 V Single Supply, 200 kSPS
12-Bit Sampling ADCs
AD7854/AD7854L*
FEATURES
Specified for VDD of 3 V to 5.5 V
Read-Only Operation
AD7854–200 kSPS; AD7854L–100 kSPS
System and Self-Calibration
Low Power
Normal Operation
AD7854: 15 mW (VDD = 3 V)
AD7854L: 5.5 mW (VDD = 3 V)
Automatic Power-Down After Conversion (25
W)
AD7854: 1.3 mW 10 kSPS
AD7854L: 650
W 10 kSPS
Flexible Parallel Interface
12-Bit Parallel/8-Bit Parallel (AD7854)
28-Lead DIP, SOIC and SSOP Packages (AD7854)
APPLICATIONS
Battery-Powered Systems (Personal Digital Assistants,
Medical Instruments, Mobile Communications)
Pen Computers
Instrumentation and Control Systems
High Speed Modems
PRODUCT HIGHLIGHTS
1. Operation with either 3 V or 5 V power supplies.
2. Flexible power management options including automatic
power-down after conversion. By using the power manage-
ment options a superior power performance at slower
throughput rates can be achieved:
AD7854: 1 mW typ @ 10 kSPS
AD7854L: 1 mW typ @ 20 kSPS
3. Operates with reference voltages from 1.2 V to AVDD.
4. Analog input ranges from 0 V to AVDD.
5. Self-calibration and system calibration.
6. Versatile parallel I/O port.
7. Lower power version AD7854L.
GENERAL DESCRIPTION
The AD7854/AD7854L is a high speed, low power, 12-bit ADC
that operates from a single 3 V or 5 V power supply, the
AD7854 being optimized for speed and the AD7854L for low
power. The ADC powers up with a set of default conditions at
which time it can be operated as a read-only ADC. The ADC
contains self-calibration and system calibration options to en-
sure accurate operation over time and temperature and has a
number of power-down options for low power applications.
The AD7854 is capable of 200 kHz throughput rate while the
AD7854L is capable of 100 kHz throughput rate. The input
track-and-hold acquires a signal in 500 ns and features a pseudo-
differential sampling scheme. The AD7854 and AD7854L input
voltage range is 0 to VREF (unipolar) and –VREF/2 to +VREF/2,
centered at VREF/2 (bipolar). The coding is straight binary in
unipolar mode and twos complement in bipolar mode. Input
signal range is to the supply and the part is capable of convert-
ing full-power signals to 100 kHz.
CMOS construction ensures low power dissipation of typically
5.4 mW for normal operation and 3.6
µW in power-down mode.
The part is available in 28-lead, 0.6 inch wide dual-in-line pack-
age (DIP), 28-lead small outline (SOIC) and 28-lead small
shrink outline (SSOP) packages.
*Patent pending.
See Page 27 for data sheet index.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - AD7854L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results

Similar Description - AD7854L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV.B
AD7859 AD-AD7859 Datasheet
535Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV.A
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859ASZ AD-AD7859ASZ Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854L AD-AD7854L_15 Datasheet
264Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
AD7859 AD-AD7859_17 Datasheet
450Kb / 29P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com