Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUT
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MUT Series
Series
W.V(V)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
22x25
0.78
22x30
25x25
1.00
1.00
22x25
22x35
25x30
1.00
1.26
1.26
22x25
22x30
25x25
22x40
25x30
30x25
1.20
1.25
1.25
1.31
1.31
1.31
22x30
22x35
25x30
22x45
25x35
30x30
1.33
1.44
1.44
1.52
1.52
1.52
22x35
25x25
22x40
25x35
30x25
22x50
25x40
30x30
35x25
1.47
1.47
1.55
1.55
1.55
1.63
1.63
1.63
1.63
22x40
25x30
22x45
25x40
30x30
25x45
30x35
35x30
1.60
1.60
1.65
1.65
1.68
1.90
1.87
1.90
22x45
25x35
30x30
22x50
25x45
30x35
35x25
25x50
30x45
35x35
1.80
1.78
1.78
1.87
1.87
1.87
1.86
2.15
2.15
2.18
22x50
25x40
30x30
35x25
25x50
30x40
35x30
30x45
35x35
2.15
2.15
2.10
2.10
2.25
2.20
2.25
2.30
2.30
25x45
30x35
35x30
30x45
35x35
30x50
35x40
2.36
2.36
2.36
2.52
2.52
2.57
2.57
25x50
30x40
35x30
30x50
35x40
35x45
2.63
2.63
2.57
2.71
2.71
2.73
30x45
35x35
35x45
2.93
2.57
3.20
30x50
35x45
35x50
3.47
3.47
3.57
35x50
35X50
3.95
4.25
W.V(V)
Cap (μF)
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
φ
22
φ
25
φ
30
φ
35
22x25
0.46
22x25
22x30
25x25
0.53
0.53
0.53
22x30
25x25
22x35
25x30
0.60
0.60
0.60
0.60
22x25
22x35
25x30
22x40
25x30
30x25
0.72
0.74
0.74
0.76
0.76
0.76
22x30
22x25
22x40
25x35
30x25
22x45
25x35
30x30
0.78
0.78
0.81
0.88
0.80
0.80
0.80
0.80
22x35
25x30
22x45
25x40
30x30
22x50
25x40
30x30
0.86
0.86
0.88
0.99
0.88
0.90
0.90
0.90
22x45
25x35
30x25
22x50
25x45
30x30
35x25
25x45
30x35
0.99
0.96
0.96
0.99
1.13
0.99
0.99
2.00
0.99
22x50
25x40
30x30
35x25
25x50
30x35
35x30
25x50
30x40
35x30
1.09
1.09
1.07
1.07
1.28
1.13
1.13
1.20
1.20
1.20
25x45
30x35
35x30
30x40
35x30
30x45
35x35
1.20
1.20
1.20
1.28
1.28
1.30
1.30
25x50
30x40
35x35
35x50
30x45
35x35
30x50
35x40
1.42
1.42
1.42
1.45
1.47
1.47
1.50
1.50
30x45
35x40
30x50
35x40
35x45
1.58
1.58
1.63
1.63
1.68
35x45
35x45
35x50
1.80
1.84
1.84
35x50
35x50
2.05
2.10
IR : Maxium permissible ripple current [A(rms) at 105
oC,120Hz]
Case size [
φ DxL (mm)]
350(2V)
400(2G)
450(2W)
330
180
250(2E)
220
270
160(2C)
200(2D)
390
470
560
680
820
1000
1200
1500
1800
2200
56
68
82
100
120
150
180
470
560
220
270
330
390
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com