Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MUX
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUX Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MUX Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUX Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Snap-In Aluminum
Electrolytic Capacitors
MUX Series
Series
W.V
160(2C)
180(2S)
200(2D)
250(2E)
Cap (
μF)
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
φ 22
φ 25
φ 30
φ 35
180
22x25
0.75
220
22x30
25x25
0.95
0.95
270
22x25
22x25
22x35
25x30
0.95
0.95
1.20
1.20
330
22x25
22x30
22x30
25x25
22x40
25x30
30x25
1.15
1.17
1.20
1.20
1.25
1.25
1.25
390
22x30
22x30
25x25
22x35
25x30
30x25
22x45
25x35
30x30
1.27
1.30
1.30
1.37
1.37
1.48
1.45
1.45
1.45
470
22x35
25x25
22x35
25x30
22x40
25x30
30x30
22x50
25x40
30x30
35x25
1.40
1.40
1.42
1.42
1.48
1.48
1.60
1.55
1.55
1.55
1.55
560
22x40
25x30
22x40
25x35
30x25
22x45
25x35
30x30
35x25
25x45
30x35
35x30
1.52
1.52
1.53
1.53
1.52
1.57
1.57
1.80
1.78
1.80
1.78
1.80
680
22x45
25x35
30x30
22x45
25x40
30x30
22x50
25x40
30x35
35x30
25x50
30x40
35x35
1.72
1.70
1.70
1.73
1.75
1.75
1.80
1.80
2.10
2.15
2.05
2.05
2.08
820
22x50
25x40
30x30
35x25
22x50
25x45
30x35
35x25
25x50
30x45
35x35
30x45
35x35
2.05
2.05
2.00
2.00
2.08
2.08
2.05
2.05
2.15
2.40
2.40
2.20
2.20
1000
25x45
30x35
35x30
25x50
30x40
35x30
30x50
35x40
30x50
35x40
2.25
2.25
2.25
2.30
2.30
2.25
2.58
2.58
2.45
2.45
1200
25x50
30x40
35x30
30x45
35x35
35x45
35x45
2.50
2.50
2.45
2.52
2.52
3.05
2.60
1500
30x45
35x35
30x50
35x40
30x50
35x50
35x45
2.80
2.80
2.90
2.90
3.10
3.40
3.70
1800
30x50
35x45
35x45
35x50
35x60
3.30
3.30
3.35
3.55
4.20
2200
35x50
35x50
35x60
3.75
3.75
4.10
W.V(V)
Cap (μF)
φ
22 φ 25 φ 30 φ 35 φ 22 φ 25 φ 30 φ 35 φ 22 φ 25 φ 30 φ 35 φ 40 φ 22 φ 25 φ 30 φ 35 φ 40
22x25
22x25
0.45
0.44
22x25
22x30
25x25
0.50
0.50
0.50
22x30
25x25
22x35
25x30
0.57
0.57
0.57
0.57
22x25
22x25
22x35
25x30
22x40
25x30
30x25
0.68
0.69
0.70
0.7
0.72
0.72
0.72
22x30
25x25
22x30
25x25
22x40
25x30 30x25
22x45
25x30
30x30
0.75
0.75
0.75
0.75
0.77
0.76
0.76
0.77
0.77
0.77
22x35
25x30
22x35
25x30
22x45
25x35 30x30
22x50
25x40
30x30
0.80
0.80
0.82
0.82
0.84
0.84
0.84
0.85
0.85
0.85
22x40
25x30
30x25
22x45
25x35
30x25
22x50
25x40 30x30
35x25
25x45
30x35
35x30
0.91
0.91
0.90
0.94
0.92
0.92
0.94
0.94
0.94
0.94
0.95
0.94
1.05
22x45
25x35
30x30
22x50
25x40
30x30
35x25
25x45 30x35
35x30
25x50
30x40
35x30
1.00
1.00
1.02
1.04
1.04
1.02
1.02
1.08
1.08
1.08
1.10
1.10
1.10
22x50
25x40
30x35
35x25
25x45
30x35
35x30
25x50 30x40
35x30
30x45
35x35
1.12
1.12
1.12
1.12
1.15
1.15
1.15
1.22
1.22
1.22
1.25
1.25
25x45
30x35
35x30
25x50
30x40
35x35
30x45
35x35
30x50
35x40
1.32
1.32
1.32
1.35
1.35
1.35
1.40
1.40
1.43
1.43
30x40
35x35
30x45
35x40
30x50
35x40
35x45
1.44
1.44
1.50
1.50
1.55
1.55
1.60
30x45
35x40
35x45
30x50
35x45
35x50
1.65
1.65
1.75
1.60
1.75
1.75
30x50
35x45
35x50
35x50
1.85
1.85
1.95
2.00
35x50
35x50
35x60
2.10
2.85
3.15
40x60
3.10
40x60
4.15
IR : Maxium perm is s ible ripple current [A(rm s ) at 105
oC,120Hz]
Cas e s ize [
φ DxL (mm)]
315(2F)
350(2V)
400(2G)
450(2W)
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
rev.7a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com