Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMOC3041S Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part # KMOC3041S
Description  Zero Crossing Optoisolators TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3041S Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KMOC3041S Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3041S Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3041S Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3041S Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3041S Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3041S Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.61P42008
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3041S
SHEET 2 OF 6
REV.
3
1. OUTSIDE DIMENSION:UNIT (mm)
0.254
1.00
10.00±0.4
5.08
1.2
2.54
7.62
6.50
XXX
7.3
3041
Date Code
Anode
TOLERANCE : ±0.2mm
2. SCHEMATIC:TOP VIEW
Circuit
Crossing
Zero
4
6
2
3
1
1. Anode
2. Cathode
3. NC
4. Main Terminal
6. Main Terminal



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com