Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NPC
Description  Aluminum Electrolytic Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NPC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NPC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
NPC Series
( Non Polarity, For Twinkling Light)
FEATURES
 Suitable for the direction light of automobile and motorcycle
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
13VDC
Capacitance Tolerance
(120Hz 20
C)
 10%(K)  20%(M) +20/-10%(V)
Leakage Current
(20
C)
I
 1000(uA)
*
Under 100 Ω resister series and rated voltage applied
whichever after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Dissipation Factor ( tan
 )
(120Hz 20
C)
tan
 ≤ 0.50
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
10
12.5
F
5.0
5.0
d
0.6
0.6
a
1.5
1.5
CASE SIZE
Cap.
(uF)
V
13
Item
DxL
1500
10x25
1700
12.5x20
2200
12.5x25
NPC 13V 152 M TR 10x25
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
K -
10%, M - 20%, V - +20/-10%
Package
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)
Case size: DxL
(mm)


Similar Part No. - NPC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPC NIC-NPC Datasheet
48Kb / 3P
Surface Mount Solid Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
NPC-100 ETC2-NPC-100 Datasheet
149Kb / 4P
NovaSensor Disposable Medical Pressure Sensors
logo
Amphenol Corporation
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
Solid state, high reliability
NPC-100-T AMPHENOL-NPC-100-T Datasheet
109Kb / 4P
Solid state, high reliability
logo
List of Unclassifed Man...
NPC-1101 ETC2-NPC-1101 Datasheet
170Kb / 1P
Snagless cat5e patch cords
More results

Similar Description - NPC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com