Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM2P034 Datasheet(PDF) 13 Page - Rohm

Part # BM2P034
Description  PWM type DC/DC converter IC Included 650V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P034 Datasheet(HTML) 13 Page - Rohm

Back Button BM2P034 Datasheet HTML 9Page - Rohm BM2P034 Datasheet HTML 10Page - Rohm BM2P034 Datasheet HTML 11Page - Rohm BM2P034 Datasheet HTML 12Page - Rohm BM2P034 Datasheet HTML 13Page - Rohm BM2P034 Datasheet HTML 14Page - Rohm BM2P034 Datasheet HTML 15Page - Rohm BM2P034 Datasheet HTML 16Page - Rohm BM2P034 Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Operation mode of protection circuit
Operation mode of protection functions are shown in table2.
Table2
Operation mode of protection circuit
Function
Operation mode
VCC Under Voltage Locked Out
Auto recovery
VCC Over Voltage Protection
Auto recovery
TSD
Latch(with 100us timer)
FB Over Limited Protection
Auto recovery(with 64ms timer)
SOURCE Short Protection
Auto recovery
SOURCE Open Protection
Auto recovery
●Sequence
The sequence diagram is show in Fig 16.
All condition transits OFF Mode VCC<8.2V
Figure 16. The sequence diagram
13.5V
Soft Start 1
ALL MODE
Time>2.0ms
Soft Start
Time>8.0ms
FB<0.40V
Burst MODE
(Pulse OFF )
FB>0.40V
Normal MODE
OFF MODE
OLP MODE
(Pulse Stop )
FB>2.80V
FB<2.60V
LATCH OFF MODE
(Pulse Stop )
Temp>145℃
VCC<7.7V
VCC<8.2V
Time>0.5ms
Soft Start 2
Time>1.0ms
Soft Start 3
PULSE OFF
FB>2.80V
(32ms)
FBOLP
OFF TIMER
(512ms)
VCC OVP
(Pulse Stop )
VCC>27.5V
VCC<23.5V
SOURCE OPEN
(Pulse Stop )
OPEN
NORMAL
SOURCE SHORT
(Pulse Stop )
NORMAL
SHORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com