Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7861AP Datasheet(PDF) 4 Page - Analog Devices

Part # AD7861AP
Description  11-Bit Resolution Simultaneous Sampling A/D Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7861AP Datasheet(HTML) 4 Page - Analog Devices

  AD7861AP Datasheet HTML 1Page - Analog Devices AD7861AP Datasheet HTML 2Page - Analog Devices AD7861AP Datasheet HTML 3Page - Analog Devices AD7861AP Datasheet HTML 4Page - Analog Devices AD7861AP Datasheet HTML 5Page - Analog Devices AD7861AP Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AD7861
REV. B
–4–
PIN DESCRIPTION
Pin
Mnemonic Type
Description
1
AUX0
I/P
Auxiliary Input 0
2
REFIN
I/P
Analog Reference Input
3
AGND
GND
Analog Ground
4
REFOUT
O/P
Internal 2.5 Analog Reference
5
S0
I/P
Aux Channel Select 0
6
S1
I/P
Aux Channel Select 1
7
D0
O/P
Data Bit 0 LSB (Tied Low)
8
D1
O/P
Data Bit 1
9
D2
O/P
Data Bit 2
10
D3
O/P
Data Bit 3
11
D4
O/P
Data Bit 4
12
D5
O/P
Data Bit 5
13
D6
O/P
Data Bit 6
14
D7
O/P
Data Bit 7
15
D8
O/P
Data Bit 8
16
D9
O/P
Data Bit 9
17
D10
O/P
Data Bit 10
18
D11
O/P
Data Bit 11, MSB
19
DGND
GND
Logic Ground
20
DGND
GND
Logic Ground
21
VDD
SUP
+5 V Digital Supply
22
M0
I/P
Conversion Mode Select 0
23
M1
I/P
Conversion Mode Select 1
24
CONVST
I/P
A/D Conversion Start
25
CS
I/P
Chip Select
26
RD
I/P
Read Input
27
RESET
I/P
Chip Reset
28
A1
I/P
Register Address Select 1
29
A0
I/P
Register Address Select 0
30
NC
NC
No Connect
31
BUSY
O/P
Busy, Conversion in Process
32
CLK
I/P
External Clock Input 6.25 MHz-12.5 MHz
33–34
DGND
GND
Logic Ground
35
SGND
GND
Signal Ground
36
VDD
SUP
+5 V Analog Supply
37
VIN1
I/P
Analog Input 1
38–39
NC
NC
No Connect
40
VIN2
I/P
Analog Input 2
41
VIN3
I/P
Analog Input 3
42
AUX3
I/P
Auxiliary Input 3
43
AUX2
I/P
Auxiliary Input 2
44
AUX1
I/P
Auxiliary Input 1
PIN CONFIGURATION
18 19 20
21 22 23 24 25 26 27 28
35
36
37
38
39
33
34
31
32
29
30
21
44
3
4
5
642
41 40
43
9
10
11
12
13
7
8
16
17
14
15
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD7861
NC
NC
VIN1
VDD
SGND
DGND
DGND
D0
D1
D2
D3
D4
D5
D6
NC = NO CONNECT
D7
D8
D9
D10
CLK
BUSY
NC
A0
Pin Types
Pin Types
I/P = Input Pin
GND = Ground Pin
O/P = Output Pin
SUP = Supply Pin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com