Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7859AS Datasheet(PDF) 4 Page - Analog Devices

Part # AD7859AS
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7859AS Datasheet(HTML) 4 Page - Analog Devices

  AD7859AS Datasheet HTML 1Page - Analog Devices AD7859AS Datasheet HTML 2Page - Analog Devices AD7859AS Datasheet HTML 3Page - Analog Devices AD7859AS Datasheet HTML 4Page - Analog Devices AD7859AS Datasheet HTML 5Page - Analog Devices AD7859AS Datasheet HTML 6Page - Analog Devices AD7859AS Datasheet HTML 7Page - Analog Devices AD7859AS Datasheet HTML 8Page - Analog Devices AD7859AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7859/AD7859L
REV. A
–4–
Limit at TMIN, TMAX
(A, B Versions)
Parameter
5 V
3 V
Units
Description
fCLKIN
2
500
500
kHz min
Master Clock Frequency
4
4
MHz max
1.8
1.8
MHz max
L Version
t1
3
100
100
ns min
CONVST
Pulse Width
t2
50
90
ns max
CONVST
to BUSY
↑ Propagation Delay
tCONVERT
4.5
4.5
µs max
Conversion Time = 18 tCLKIN
10
10
µs max
L Version 1.8 MHz CLKIN. Conversion Time = 18 tCLKIN
t3
15
15
ns min
HBEN to RD Setup Time
t4
5
5
ns min
HBEN to RD Hold Time
t5
0
0
ns min
CS
to RD to Setup Time
t6
0
0
ns min
CS
to RD Hold Time
t7
55
55
ns min
RD
Pulse Width
t8
4
50
50
ns max
Data Access Time After RD
t9
5
5
5
ns min
Bus Relinquish Time After RD
40
40
ns max
Bus Relinquish Time After RD
t10
60
70
ns min
Minimum Time Between Reads
t11
0
0
ns min
HBEN to WR Setup Time
t12
5
5
ns max
HBEN to WR Hold Time
t13
0
0
ns min
CS
to WR Setup Time
t14
0
0
ns max
CS
to WR Hold Time
t15
55
70
ns min
WR
Pulse Width
t16
10
10
ns min
Data Setup Time Before WR
t17
5
5
ns min
Data Hold Time After WR
t18
4
1/2 tCLKIN
1/2 tCLKIN
ns min
New Data Valid Before Falling Edge of BUSY
t19
2.5 tCLKIN
2.5 tCLKIN
ns max
CS
↑ to BUSY ↑ in Calibration Sequence
tCAL
6
31.25
31.25
ms typ
Full Self-Calibration Time, Master Clock Dependent (125013
tCLKIN)
tCAL1
6
27.78
27.78
ms typ
Internal DAC Plus System Full-Scale Cal Time, Master Clock
Dependent (111124 tCLKIN)
tCAL2
6
3.47
3.47
ms typ
System Offset Calibration Time, Master Clock Dependent
(13889 tCLKIN)
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of 1.6 V.
2Mark/Space ratio for the master clock input is 40/60 to 60/40.
3The CONVST pulse width will here only apply for normal operation. When the part is in power-down mode, a different CONVST pulse width will apply (see Power-
Down section).
4Measured with the load circuit of Figure 1 and defined as the time required for the output to cross 0.8 V or 2.4 V.
5t
9 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 9, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
6The typical time specified for the calibration times is for a master clock of 4 MHz. For the L version the calibration times will be longer than those quoted here due to
the 1.8 MHz master clock.
Specifications subject to change without notice.
TIMING SPECIFICATIONS
1
(AVDD = DVDD = +3.0 V to +5.5 V; fCLKIN = 4 MHz for AD7859 and 1.8 MHz for AD7859L;
TA = TMIN to TMAX, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com