Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-ASP1132MS Datasheet(PDF) 2 Page - Samtec, Inc

Part # CT-ASP1132MS
Description  VITA 42 (LEAD FREE) SOCKET ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

CT-ASP1132MS Datasheet(HTML) 2 Page - Samtec, Inc

  CT-ASP1132MS Datasheet HTML 1Page - Samtec, Inc CT-ASP1132MS Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.9000 22.860
.2500 6.350
'B'
RECOMMENDED BOARD LAYOUT
01
19
A
B
C
D
E
F
.0100 0.254
TRACE
.0200 0.51
PAD
.0100 0.254
VIA (PLATED)
.0250 0.64
PAD
.0310 0.787
FREE OF SOLDER MASK
.0250 0.635
45°
DETAIL 'B'
SCALE 10 : 1
.900 22.86
.050 1.27
(TYP)
.250 6.35
.050 1.27
(TYP)
.0250 0.635
(TYP)
RECOMMENDED STENCIL LAYOUT
STENCIL TO BE .0060[0.152] THICK
A
B
C
D
E
F
01
19
NOTE:
OUTER ROWS MAY NOT NEED VIAS - THIS IS LEFT TO
THE DISCRETION OF THE BOARD DESIGNER.
SHEET OF
VITA 42 (LEAD FREE) SOCKET ASSEMBLY
BY:
ASP-103612-02
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
WHELAN
09/12/06
2
2
SHEET SCALE: 4:1
F:\DWG\MISC\MKTG\ASP-103612-02-MKT.SLDDRW
REVISION H
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com