Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # P6SMB
Description  Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P6SMB Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  P6SMB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P6SMB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P6SMB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P6SMB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Transient Voltage Suppressors
P6SMB Series
MERITEK
t
s
T1
d
T
D1 D
L
Cathode Band
Item
Min.
Max.
Min.
Max.
L
4.06
4.57
0.160
0.180
D
3.30
3.94
0.130
0.155
D1
1.95
2.20
0.077
0.086
T
5.21
5.59
0.205
0.220
T1
0.76
1.52
0.030
0.060
d
-
0.203
-
0.008
s
2.13
2.4
4
0.084
0.096
t
0.152
0.305
0.006
0.012
Millimeters
Inches
SMB/DO-214AA
PACKAGE DIMENSIONS
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V) IT(mA)
VC(V)
IPP(A)
IR(µA)
P6SMB6.8A
P6SMB6.8CA 6V8A 6V8C
5.80
6.45
7.14
10
10.5
58.1
1000
P6SMB7.5A
P6SMB7.5CA 7V5A 7V5C
6.40
7.13
7.88
10
11.3
54.0
500
P6SMB8.2A
P6SMB8.2CA 8V2A 8V2C
7.02
7.79
8.61
10
12.1
50.4
200
P6SMB9.1A
P6SMB9.1CA 9V1A 9V1C
7.78
8.65
9.55
1
13.4
45.5
50
P6SMB10A
P6SMB10CA
10A 10C
8.55
9.50
10.50
1
14.5
42.1
10
P6SMB11A
P6SMB11CA
11A 11C
9.40
10.50
11.60
1
15.6
39.1
5
P6SMB12A
P6SMB12CA
12A 12C
10.20
11.40
12.60
1
16.7
36.5
5
P6SMB13A
P6SMB13CA
13A 13C
11.10
12.40
13.70
1
18.2
33.5
1
P6SMB15A
P6SMB15CA
15A 15C
12.80
14.30
15.80
1
21.2
28.8
1
P6SMB16A
P6SMB16CA
16A 16C
13.60
15.20
16.80
1
22.5
27.1
1
P6SMB18A
P6SMB18CA
18A 18C
15.30
17.10
18.90
1
25.5
24.2
1
P6SMB20A
P6SMB20CA
20A 20C
17.10
19.00
21.00
1
27.7
22.0
1
P6SMB22A
P6SMB22CA
22A 22C
18.80
20.90
23.10
1
30.6
19.9
1
P6SMB24A
P6SMB24CA
24A 24C
20.50
22.80
25.20
1
33.2
18.4
1
P6SMB27A
P6SMB27CA
27A 27C
23.10
25.70
28.40
1
37.5
16.3
1
SPECIFICATIONS
2
Rev 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com