Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REL Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # REL
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REL Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  REL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REL Series
(Long Life, Low Impedance)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
60
120
400
1k
10k
100k
W.V.
Multiplier
6.3~16V
0.45
0.60
0.83
0.94
0.98
1.00
25~35V
0.38
0.50
0.75
0.90
0.97
1.00
50~63V
0.36
0.46
0.70
0.88
0.94
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
10
5x11
1.300
0.09
56
5x11
0.300
0.25
100
5x11
0.300
0.25
5x11
0.300
0.25
6.3x11
0.250
0.36
120
6.3x11
0.280
0.26
6.3x11
0.280
0.26
6.3x11
0.130
0.41
220
6.3x11
0.130
0.41
6.3x11
0.130
0.41
8x11.5
0.120
0.58
330
8x11.5
0.110
0.54
8x11.5
0.110
0.54
8x11.5
0.072
0.76
470
8x11.5
0.072
0.76
8x11.5
0.072
0.76
8x15
0.056
1.00
10x12.5
0.053
1.03
680
8x15
0.056
1.00
8x15
0.056
1.00
8x20
0.041
1.25
10x12.5
0.053
1.03
10x12.5
0.053
1.03
10x16
0.038
1.43
820
8x20
0.050
1.05
8x20
0.050
1.05
10x20
0.036
1.45
1000
8x20
0.041
1.25
8x20
0.041
1.25
10x20
0.023
1.82
10x16
0.038
1.43
10x16
0.038
1.43
1200
10x20
0.023
1.82
10x20
0.023
1.82
10x25
0.022
2.15
1500
10x25
0.022
2.15
10x25
0.022
2.15
12.5x20
0.021
2.36
2200
12.5x20
0.021
2.36
12.5x20
0.021
2.36
12.5x25
0.018
2.77
3300
12.5x25
0.018
2.77
12.5x25
0.018
2.77
12.5x35
0.015
3.40
3900
12.5x30
0.016
3.29
12.5x30
0.016
3.29
16x25
0.016
3.46
16x20
0.018
3.14
16x20
0.018
3.14
4700
12.5x35
0.015
3.40
12.5x35
0.015
3.40
5600
16x25
0.016
3.46
16x25
0.016
3.46
Cap.
(uF)
V
25
35
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
10
5x11
1.030
0.13
5x11
0.800
0.17
33
5x11
0.500
0.21
5x11
0.300
0.25
47
5x11
0.300
0.25
6.3x11
0.280
0.27
56
5x11
0.280
0.26
6.3x11
0.130
0.41
100
6.3x11
0.130
0.41
8x11.5
0.125
0.50
120
6.3x15
0.130
0.49
8x11.5
0.120
0.59
150
8x11.5
0.110
0.54
8x11.5
0.072
0.76
220
8x11.5
0.072
0.76
8x15
0.056
1.00
10x12.5
0.053
1.03
330
8x15
0.056
1.00
10x16
0.038
1.43
10x12.5
0.053
1.03
Temperature(
C)
65
75
85
95
105
Multiplier
2.12
1.92
1.69
1.50
1.00
Case size
: DxL
(mm)
Max. impedance
: Ω
20
C
100kHz
Max. ripple current
: A(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com