Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7869JR Datasheet(PDF) 2 Page - Analog Devices

Part # AD7869JR
Description  LC2MOS Complete, 14-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7869JR Datasheet(HTML) 2 Page - Analog Devices

  AD7869JR Datasheet HTML 1Page - Analog Devices AD7869JR Datasheet HTML 2Page - Analog Devices AD7869JR Datasheet HTML 3Page - Analog Devices AD7869JR Datasheet HTML 4Page - Analog Devices AD7869JR Datasheet HTML 5Page - Analog Devices AD7869JR Datasheet HTML 6Page - Analog Devices AD7869JR Datasheet HTML 7Page - Analog Devices AD7869JR Datasheet HTML 8Page - Analog Devices AD7869JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD7869–SPECIFICATIONS
ADC SECTION
(VDD = +5 V
5%, VSS = –5 V
5%, AGND = DGND = 0 V, fCLK = 2.0 MHz external.
All specifications TMIN to TMAX unless otherwise noted.)
Parameter
J Version
1
A Version
1
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
2
Signal-to-Noise Ratio
3, 4 (SNR) @ +25
°C
78
78
dB min
VIN = 10 kHz Sine Wave, fSAMPLE = 83 kHz
TMIN to TMAX
78
77
dB min
Total Harmonic Distortion (THD)
–86
–86
dB typ
VIN = 10 kHz Sine Wave, fSAMPLE = 83 kHz
Peak Harmonic or Spurious Noise
–86
–86
dB typ
VIN = 10 kHz Sine Wave, fSAMPLE = 83 kHz
Intermodulation Distortion (IMD)
Second Order Terms
–86
–86
dB typ
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
Third Order Terms
–88
–88
dB typ
fa = 9 kHz, fb = 9.5 kHz, fSAMPLE = 50 kHz
Track/Hold Acquisition Time
2
2
µs max
DC ACCURACY
Resolution
14
14
Bits
Minimum Resolution
14
14
Bits
No Missing Codes Are Guaranteed
Integral Nonlinearity
±2
±2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Bipolar Zero Error
±20
±20
LSB max
Positive Gain Error
5
±20
±20
LSB max
Negative Gain Error
5
±20
±20
LSB max
ANALOG INPUT
Input Voltage Range
±3
±3
Volts
Input Current
±1
±1
mA max
REFERENCE OUTPUT
6
RO ADC @ +25
°C
2.99/3.01
2.99/3.01
V min/ V max
RO ADC TC
±25
±25
ppm/
°C typ
±40
±ppm/°C max
Reference Load Sensitivity
(
∆RO ADC vs. ∆I)
–1.5
–1.5
mV max
Reference Load Current Change (0–500
µA),
Reference Load Should Not Be Changed
During Conversion
LOGIC INPUTS
(
CONVST, CLK, CONTROL)
Input High Voltage, VINH
2.4
2.4
V min
VDD = 5 V ± 5%
Input Low Voltage, VINL
0.8
0.8
V max
VDD = 5 V ± 5%
Input Current, IIN
±10
±10
µA max
VIN = 0 V to VDD
Input Current
7 (CONTROL & CLK)
±10
±10
µA max
VIN = VSS to DGND
Input Capacitance, CIN
8
10
10
pF max
LOGIC OUTPUTS
DR,
RFS Outputs
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 1.6 mA, Pull-Up Resistor = 4.7 kΩ
RCLK Output
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 2.6 mA, Pull-Up Resistor = 2 kΩ
DR,
RFS, RCLK Outputs
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
8
15
15
pF max
CONVERSION TIME
External Clock
10
10
µs max
Internal Clock
10
10
µs max
The Internal Clock Has a Nominal Value of 2.0 MHz
POWER REQUIREMENTS
For Both DAC and ADC
VDD
+5
+5
V nom
±5% for Specified Performance
VSS
–5
–5
V nom
±5% for Specified Performance
IDD
22
22
mA max
Cumulative Current from the Two VDD Pins
ISS
12
12
mA max
Cumulative Current from the Two VSS Pins
Total Power Dissipation
170
170
mW max
Typically 130 mW
NOTES
1Temperature ranges are as follows: J Version, 0
°C to +70°C; A Version, –40°C to +85°C.
2V
IN = ± 3 V.
3SNR calculation includes distortion and noise components.
4SNR degradation due to asynchronous DAC updating during conversion is 0.1 dB typ.
5Measured with respect to internal reference.
6For capacitive loads greater than 50 pF, a series resistor is required (see Internal Reference section).
7Tying the CONTROL input to V
DD places the device in a factory test mode where normal operation is not exhibited.
8Sample tested @ +25
°C to ensure compliance.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com