Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REZ Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # REZ
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REZ Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  REZ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REZ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REZ Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REZ Series
(Long Life, Low Impedance)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
60
120
400
1k
10k
100k
W.V.
Multiplier
6.3~16V
0.45
0.60
0.83
0.94
0.98
1.00
25~35V
0.38
0.50
0.75
0.90
0.97
1.00
50~63V
0.36
0.46
0.70
0.88
0.94
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
20°C
-10°C
47
5x11
0.568
1.421
0.17
68
5x11
0.500
1.250
0.21
100
5x11
0.500
1.250
0.24
6.3x11
0.367
0.918
0.29
220
6.3x11
0.308
0.769
0.39
6.3x11
0.249
0.623
0.41
8x11.5
0.190
0.474
0.52
330
6.3x11
0.246
0.615
0.48
8x11.5
0.169
0.423
0.61
10x12.5
0.114
0.285
0.75
470
8x11.5
0.178
0.446
0.70
8x11.5
0.139
0.346
0.73
10x12.5
0.093
0.233
0.90
680
10x12.5
0.081
0.203
1.00
10x12.5
0.077
0.194
1.03
10x16
0.074
0.184
1.20
1000
8x20
0.066
0.166
1.31
10x16
0.063
0.158
1.39
10x20
0.060
0.150
1.60
1200
10x16
0.058
0.144
1.47
10x20
0.055
0.137
1.68
10x25
0.052
0.130
1.94
1500
10x20
0.049
0.123
1.75
10x25
0.047
0.116
2.01
12.5x20
0.044
0.111
2.13
2200
10x25
0.038
0.094
2.27
12.5x20
0.036
0.090
2.41
12.5x25
0.034
0.086
2.75
3300
12.5x20
0.032
0.079
2.69
12.5x25
0.030
0.075
3.05
16x25
0.029
0.057
3.14
4700
12.5x30
0.027
0.067
3.56
16x25
0.025
0.051
3.35
16x31.5
0.024
0.048
3.24
6800
16x25
0.024
0.048
3.61
16x31.5
0.023
0.045
3.46
18x35.5
0.022
0.043
3.75
10000
16x31.5
0.022
0.043
3.64
18x35.5
0.021
0.041
3.92
18x40
0.019
0.039
4.20
15000
18x35.5
0.020
0.041
4.12
18x40
0.019
0.039
4.40
Cap.
(uF)
V
25
35
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
4.7
5x11
1.912
4.781
0.08
10
5x11
1.498
3.745
0.11
22
5x11
0.817
2.043
0.16
33
5x11
0.636
1.589
0.20
47
5x11
0.539
1.348
0.22
6.3x11
0.510
1.275
0.27
68
6.3x11
0.419
1.049
0.30
6.3x11
0.397
0.991
0.33
100
6.3x11
0.349
0.871
0.36
8x11.5
0.330
0.824
0.49
220
8x11.5
0.180
0.450
0.65
10x12.5
0.128
0.319
0.85
330
10x12.5
0.108
0.270
0.94
10x16
0.102
0.255
1.15
470
10x16
0.088
0.221
1.25
10x20
0.084
0.209
1.52
680
10x20
0.070
0.175
1.65
12.5x20
0.066
0.165
2.07
1000
12.5x20
0.057
0.143
2.27
12.5x25
0.054
0.135
2.77
1200
12.5x20
0.050
0.124
2.49
12.5x30
0.047
0.117
3.29
1500
12.5x25
0.042
0.105
2.94
16x25
0.040
0.079
3.32
2200
16x25
0.032
0.065
3.42
16x31.5
0.031
0.077
3.49
3300
16x31.5
0.027
0.054
3.66
18x35.5
0.026
0.064
4.17
4700
18x35.5
0.023
0.046
4.23
Temperature(
C)
65
75
85
95
105
Multiplier
2.12
1.92
1.69
1.50
1.00
Case size
: DxL
(mm)
Max. impedance
: Ω
100kHz
Max. ripple current
: A(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com