Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFX Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RFX
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFX Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RFX Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFX Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFX Series
(High R.C., High Reliability)
RIPPLE CURRENT COEFFICIENTS
Frequency(Hz)
120
1k
10k
100k
W.V.
Multiplier
160~450V
D=10mm
0.25
0.61
0.88
1.00
D>10mm
0.35
0.66
0.89
1.00
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
160
200
250
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
10
10x20
3.18
240
22
10x20
1.47
350
10x20
1.47
350
12.5x20
1.74
380
33
10x20
1.15
430
12.5x20
1.15
460
12.5x25
1.35
510
47
12.5x20
0.92
550
12.5x20
0.92
550
12.5x25
1.08
610
68
12.5x25
0.71
730
12.5x25
0.71
730
16x25
0.84
730
100
16x25
0.59
890
16x25
0.59
890
16x31.5
0.70
980
150
16x31.5
0.41
1210
16x31.5
0.41
1210
18x31.5
0.49
1290
220
16x31.5
0.31
1460
18x35.5
0.31
1640
18x40
0.36
1730
330
18x35.5
0.25
2010
Cap.
(uF)
V
350
400
450
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
DxL
IMP
R.C.
3.3
10x20
4.47
150
4.7
12.5x20
3.77
190
10
10x20
2.94
220
10x20
2.94
290
12.5x25
2.95
300
22
12.5x20
1.60
340
12.5x25
1.60
460
16x25
1.61
450
33
12.5x25
1.25
460
12.5x25
1.25
620
16x31.5
1.25
620
47
16x25
1.00
560
16x25
1.00
740
18x31.5
1.01
780
68
16x31.5
0.78
740
16x31.5
0.78
990
18x35.5
0.78
990
100
18x35.5
0.65
1010
18x35.5
0.65
1350
All blank voltage on sleeve marking is the same voltage as “” point to.
Temperature(
C)
65
75
85
95
105
Multiplier
1.8
1.65
1.50
1.25
1.00
Case size
: DxL
(mm)
Max. impedance
: Ω
20
C
100kHz
Max. ripple current
: mA(rms)
105
C 100kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com