Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB09104F Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RB09104F
Description  Thick Film Resistor Networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RB09104F Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RB09104F Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RB09104F Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
Rev. 7
 
Thick Film Resistor Networks
R Series
(Single-in-Line, Low Profile )
Feature
Wide resistance range: 2291 to 1M
 (1 O - 3.3 M available)
Miniature package with maximum sealed heights 0.2"(5.08mm)
Highly stable thick film products
Products protected by tough epoxy conformal coating
Reduces total assembly cost
Mixed value resistances available
PART NUMBERING SYSTEM
R
A
09
103
G
Meritek Series
Circuit Configurations
Element No.
2 – 20
Resistance Value
The first two digits are significant figures
Of resistance value and the third denotes the number of zeros following
CODE
331
472
223
104
Value
330
4.7K
22K
100K
Resistance Tolerance
CODE
F
G
J
Tolerance
± 1%
± 2%
± 5%
 
Construction and Dimension 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - RB09104F

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
RB0912100KL ABC-RB0912100KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB0912101KL ABC-RB0912101KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB0912102KL ABC-RB0912102KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB0912150KL ABC-RB0912150KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
RB0912151KL ABC-RB0912151KL Datasheet
119Kb / 5P
RADIAL INDUCTOR
More results

Similar Description - RB09104F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
898-5-R220 ETC1-898-5-R220 Datasheet
61Kb / 4P
Dual-In-Line Thick Film Resistor Networks
898 ETC1-898 Datasheet
174Kb / 4P
DAUL-IN-LINE THICK FILM RESISTOR NETWORKS
logo
Bourns Electronic Solut...
4B04B BOURNS-4B04B Datasheet
109Kb / 1P
Thick Film Surge Resistor Networks
logo
ABCO ELECTRONICS CO.LTD
ANR9X472J ABCO-ANR9X472J Datasheet
560Kb / 2P
THICK FILM RESISTOR NETWORKS
logo
Vishay Siliconix
SOMC VISHAY-SOMC Datasheet
120Kb / 3P
Thick Film, Dual-in-Line Resistor Networks
21-Aug-06
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
Thick Film Chip Resistor Arrays & Networks
logo
Riedon Powertron
TF3006A RIEDON-TF3006A Datasheet
195Kb / 2P
Thick Film Resistor Networks
logo
Bourns Electronic Solut...
4116R-R2R-501LF BOURNS-4116R-R2R-501LF Datasheet
383Kb / 1P
Thick Film Networks
logo
List of Unclassifed Man...
CN34JTN103 ETC-CN34JTN103 Datasheet
1Mb / 11P
Thick Film Chip Resistor Networks
logo
Bourns Electronic Solut...
R2R BOURNS-R2R Datasheet
383Kb / 1P
Thick Film Networks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com