Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7858LARSZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7858LARSZ
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858LARSZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7858LARSZ Datasheet HTML 2Page - Analog Devices AD7858LARSZ Datasheet HTML 3Page - Analog Devices AD7858LARSZ Datasheet HTML 4Page - Analog Devices AD7858LARSZ Datasheet HTML 5Page - Analog Devices AD7858LARSZ Datasheet HTML 6Page - Analog Devices AD7858LARSZ Datasheet HTML 7Page - Analog Devices AD7858LARSZ Datasheet HTML 8Page - Analog Devices AD7858LARSZ Datasheet HTML 9Page - Analog Devices AD7858LARSZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
REV. B
–6–
AD7858/AD7858L
ORDERING GUIDE
Linearity
Power
Error
Dissipation Package
Model
(LSB)
1
(mW)
Options
2
AD7858AN
±1
20
N-24
AD7858BN
±1/2
20
N-24
AD7858LAN
3
±1
6.85
N-24
AD7858LBN3
±1
6.85
N-24
AD7858AR
±1
20
R-24
AD7858BR
±1/2
20
R-24
AD7858LAR3
±1
6.85
R-24
AD7858LBR
3
±1
6.85
R-24
AD7858LARS
3
±1
6.85
RS-24
EVAL-AD7858CB4
EVAL-CONTROL BOARD
5
NOTES
1Linearity error here refers to integral linearity error.
2N = Plastic DIP; R = SOIC; RS = SSOP.
3L signifies the low-power version.
4This can be used as a stand-alone evaluation board or in conjunction with the EVAL-
CONTROL BOARD for evaluation/demonstration purposes.
5This board is a complete unit allowing a PC to control and communicate with all
Analog Devices evaluation boards ending in the CB designators.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25
°C unless otherwise noted)
AVDD to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
DVDD to DGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AVDD to DVDD . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Analog Input Voltage to AGND . . . . –0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND . . . . –0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND . . . –0.3 V to DVDD + 0.3 V
REFIN/REFOUT to AGND . . . . . . . . . –0.3 V to AVDD + 0.3 V
Input Current to Any Pin Except Supplies
2
. . . . . . .
±10 mA
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 105°C/W
θJC Thermal Impedance . . . . . . . . . . . . . . . . . . . . 34.7°C/W
Lead Temperature, (Soldering, 10 sec) . . . . . . . . . . +260
°C
SOIC, SSOP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . 75
°C/W (SOIC) 115°C/W (SSOP)
θJC Thermal Impedance . . . . 25°C/W (SOIC) 35°C/W (SSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch-up.
PIN CONFIGURATIONS
DIP, SOIC, AND SSOP
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
AD7858/
AD7858L
CONVST
DIN
CLKIN
SCLK
SYNC
BUSY
SLEEP
REFIN/REFOUT
DVDD
DGND
DOUT
AVDD
AGND
CREF1
CREF2
AIN1
AIN2
AIN7
AIN8
CAL
AIN3
AIN4
AIN6
AIN5
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7858/AD7858L features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com